công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-C2UESSQTP bảng dữ liệu(PDF) 31 Page - Microchip Technology

tên linh kiện MXT1664T3-C2UESSQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2UESSQTP bảng dữ liệu(HTML) 31 Page - Microchip Technology

Back Button MXT1664T3-C2UESSQTP Datasheet HTML 27Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 28Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 29Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 30Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 31Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 32Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 33Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 34Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 31
The Lens Bending T65 object measures the bend component and compensates for any distortion caused by the
bend. As the bend component is primarily influenced by the user touch force, it can be used as a secondary source to
identify the presence of a touch. The additional benefit of the Lens Bending T65 object is that it will eliminate LCD noise
as well.
6.11
Glove Detection
The device has glove detection algorithms that process the measurement data received from the touchscreen
classifying touches as potential gloved touches.
The Glove Detection T78 object is used to detect glove touches. In Normal Mode the Glove Detection T78 object applies
vigorous glove classification to small signal touches to minimize the effect of unintentional hovering finger reporting.
Once a gloved touch is found, the Glove Detection T78 object enters Glove Confidence Mode. In this mode the device
expects the user to be wearing gloves so the classification process is much less stringent.
6.12
Stylus Support
The mXT1664T3 allows for the particular characteristics of passive stylus touches, whilst still allowing conventional
finger touches to be detected. The touch sensitivity and threshold controls for stylus touches are configured separately
from those for conventional finger touches so that both types of touches can be accommodated.
Stylus support ensures that the small touch area of a stylus registers as a touch, as this would otherwise be considered
too small for the touchscreen. Additionally, there are controls to distinguish a stylus touch from an unwanted
approaching finger (such as on the hand holding the stylus).
Passive stylus touches are configured by the Passive Stylus T47 object. There is one instance of the Passive Stylus
T47 object for each Multiple Touch Touchscreen T100 object present on the device.
6.13
Unintentional Touch Suppression
The Touch Suppression T42 object provides a mechanism to suppress false detections from unintentional touches from
a large body area, such as from a face, ear or palm. The Touch Suppression T42 object also provides Maximum Touch
Suppression to suppress all touches if more than a specified number of touches has been detected. There is one
instance of the Touch Suppression T42 object for each Multiple Touch Touchscreen T100 object present on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com