công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2517FD-H/SL bảng dữ liệu(PDF) 78 Page - Microchip Technology

tên linh kiện MCP2517FD-H/SL
Giải thích chi tiết về linh kiện  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD-H/SL bảng dữ liệu(HTML) 78 Page - Microchip Technology

Back Button MCP2517FD-H/SL Datasheet HTML 74Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 75Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 76Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 77Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 78Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 79Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 80Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 81Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 98 page
background image
MCP2517FD
DS20005688B-page 78
 2017-2018 Microchip Technology Inc.
TABLE 7-5:
CAN RX FILTER AC CHARACTERISTICS
TABLE 7-6:
SPI AC CHARACTERISTICS
FIGURE 7-1:
SPI I/O TIMING
AC Specifications
Electrical Characteristics:
High (H): TAMB = –40°C to +150°C; VDD = 2.7V to 5.5V
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions/Comments
TPROP
Filter propagation delay
1
ns
Note 2
TFILTER
Filter time (Note 3)40
70
125
225
75
120
215
390
ns
T00FILTER
T01FILTER
T10FILTER
T11FILTER
TREVO-
CERY
Minimum high time on input
for output to go high again
5ns
Note 2
Note 1:
Characterized; not 100% tested.
2:
Design guidance only.
3:
Pulses on RXCAN shorter than the minimum TFILTER time will be ignored; pulses longer than the
maximum TFILTER time will wake-up the device.
AC Specifications
Electrical Characteristics:
High (H): TAMB = –40°C to +150°C; VDD = 2.7V to 5.5V
Param.
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions
FSCK
SCK Input Frequency
20
MHz
Note 3
TSCK
SCK Period, TSCK=1/FSCK
50
ns
Note 3
1TSCKH
SCK High Time
20
ns
2TSCKL
SCK Low Time
20
ns
3TSCKR
SCK Rise Time
100
ns
Note 2
4TSCKF
SCK Fall Time
100
ns
Note 2
5TCS2SCK
nCS ↓ to SCK ↑
TSCK/2
ns
6TSCK2CS
SCK ↑ to nCS ↑
TSCK
ns
7TSDI2SCK
SDI Setup: SDI ↕ to SCK ↑
5ns
8TSCK2SDI
SDI Hold: SCK ↑ to SDI ↕
5ns
9TSCK2SDO SDO Valid: SCK ↓ to SDO ↕
20
ns
CLOAD
=50 pF
10
TCS2SDOZ SDO High Z: nCS ↑ to SDO Z
2 TSCK
ns
CLOAD
=50 pF
11
TCSD
nCS ↑ to nCS ↓
TSCK
ns
Note 2
Note 1:
Characterized; not 100% tested.
2:
Design guidance only.
3:
FSCK must be less than or equal to FSYSCLK/2.
nCS
SCK
SDI
SDO
Mode 1,1
Mode 0,0
5
C<3>
1
2
3
4
7
8
A<0>
D<7>
D<7>
D<0>
D<0>
9
Mode 1,1
Mode 0,0
11
10
6
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com