công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2517FD-H/SL bảng dữ liệu(PDF) 70 Page - Microchip Technology

tên linh kiện MCP2517FD-H/SL
Giải thích chi tiết về linh kiện  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD-H/SL bảng dữ liệu(HTML) 70 Page - Microchip Technology

Back Button MCP2517FD-H/SL Datasheet HTML 66Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 67Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 68Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 69Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 70Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 71Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 72Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 73Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 98 page
background image
MCP2517FD
DS20005688B-page 70
 2017-2018 Microchip Technology Inc.
4.3
SPI Commands with CRC
In order to detect or avoid bit errors during SPI commu-
nication, SPI commands with CRC are available.
4.3.1
CRC CALCULATION
In parallel with the SPI shift register, the CRC is calcu-
lated, see Figure 4-7.
When nCS is asserted, the CRC calculator is reset to
0xFFFF.
The result of the CRC calculation is available after the
Data section of a CRC command. The result of the
CRC calculation is written to the CRC register in case
a CRC mismatch is detected. In case of a CRC mis-
match, CRC.CRCERRIF is set.
The MCP2517FD uses the following generator polyno-
mial: CRC-16/USB (0x8005). CRC-16 detects all sin-
gle and double-bit errors, all errors with an odd
number of bits, all burst errors of length 16 or less, and
most errors for longer bursts. This allows an excellent
detection of SPI communication errors that can hap-
pen in the system, and heavily reduces the risk of
miscommunication, even under noisy environments.
The maximum number of data bits is used while read-
ing and writing TX or RX Message Objects. A RX Mes-
sage Object with 64 Bytes of data + 12 Bytes ID and
Time Stamp contains 76 Bytes or 608 bits. In compari-
son, USB data packets contain up to 1024 bits. CRC-
16 has a Hamming Distance of 4 up to 1024 bits.
FIGURE 4-7:
CRC CALCULATION
SPI Shift Register
CRC Calculator
SCK
SDI
CRC Result
nCS
SDO
SDI
SDO
Reset
Safe
CRC command:
End of Data section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com