| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP2517FD-H/SL bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2517FD-H/SL bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 98 page ![]() 2017-2018 Microchip Technology Inc. DS20005688B-page 21 MCP2517FD REGISTER 3-4: ECCCON – ECC CONTROL REGISTER U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 31 bit 24 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 23 bit 16 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 — PARITY<6:0> bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 R/W-0 R/W-0 R/W-0 — — — — — DEDIE SECIE ECCEN bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 31-15 Unimplemented: Read as ‘0’ bit 14-8 PARITY<6:0>: Parity bits used during write to RAM when ECC is disabled bit 7-3 Unimplemented: Read as ‘0’ bit 2 DEDIE: Double Error Detection Interrupt Enable Flag bit 1 SECIE: Single Error Correction Interrupt Enable Flag bit 0 ECCEN: ECC Enable 1 = ECC enabled 0 = ECC disabled |