công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2517FD-H/SL bảng dữ liệu(PDF) 22 Page - Microchip Technology

tên linh kiện MCP2517FD-H/SL
Giải thích chi tiết về linh kiện  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD-H/SL bảng dữ liệu(HTML) 22 Page - Microchip Technology

Back Button MCP2517FD-H/SL Datasheet HTML 18Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 19Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 20Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 21Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 22Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 23Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 24Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 25Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
MCP2517FD
DS20005688B-page 22
 2017-2018 Microchip Technology Inc.
REGISTER 3-5:
ECCSTAT – ECC STATUS REGISTER
U-0
U-0
U-0
U-0
R-0
R-0
R-0
R-0
—
—
—
—
ERRADDR<11:8>
bit 31
bit 24
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ERRADDR<7:0>
bit 23
bit 16
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
HS/C-0
HS/C-0
U-0
—
—
—
—
—
DEDIF
SECIF
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-28
Unimplemented:
Read as ‘0’
bit 27-16
ERRADDR<11:0>:
Address where last ECC error occurred
bit 15-3
Unimplemented:
Read as ‘0’
bit 2
DEDIF:
Double Error Detection Interrupt Flag
1
= Double Error was detected
0
= No Double Error Detection occurred
bit 1
SECIF:
Single Error Correction Interrupt Flag
1
= Single Error was corrected
0
= No Single Error occurred
bit 0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com