| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP2517FD-H/SL bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2517FD-H/SL bảng dữ liệu(HTML) 7 Page - Microchip Technology |
|
7 / 98 page ![]() 2017-2018 Microchip Technology Inc. DS20005688B-page 7 MCP2517FD 3.0 MEMORY ORGANIZATION Figure 3-1 illustrates the main sections of the memory and its address ranges: • MCP2517FD Special Function Registers (SFR) • CAN FD Controller Module SFR • Message Memory (RAM) The SFR are 32 bit wide. The LSB is located at the lower address, e.g., the LSB of C1CON is located at address 0x000, while its MSB is located at address 0x003. Table 3-1 lists the MCP2517FD specific registers. The first column contains the address of the SFR. Table 3-2 lists the registers of the CAN FD Controller Module. The first column contains the address of the SFR. FIGURE 3-1: MEMORY MAP MSB Address LSB Address Unimplemented (272 BYTE) CAN FD Controller Module SFR (752 BYTE) RAM (2 KBYTE) 0x000 0x2EC 0x3FC 0x003 0x2EF 0x2F0 0x2F3 32 bit 0x3FF 0x403 0x400 LSB MSB Unimplemented (512 BYTE) 0xBFF 0xC03 0xDFF 0xE03 0xBFC 0xDFC 0xC00 0xE00 MCP2517FD SFR (20 BYTE) Reserved (492 BYTE) 0xE10 0xFFC 0xE13 0xE14 0xE17 0xFFF |