công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2517FD-H/SL bảng dữ liệu(PDF) 56 Page - Microchip Technology

tên linh kiện MCP2517FD-H/SL
Giải thích chi tiết về linh kiện  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD-H/SL bảng dữ liệu(HTML) 56 Page - Microchip Technology

Back Button MCP2517FD-H/SL Datasheet HTML 52Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 53Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 54Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 55Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 56Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 57Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 58Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 59Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
MCP2517FD
DS20005688B-page 56
 2017-2018 Microchip Technology Inc.
bit 3
RXOVIF:
Receive FIFO Overflow Interrupt Flag bit
TXEN = 1 (FIFO is configured as a Transmit FIFO)
Unused, Read as ‘0’
TXEN = 0 (FIFO is configured as a Receive FIFO)
1
= Overflow event has occurred
0
= No overflow event has occurred
bit 2
TFERFFIF:
Transmit/Receive FIFO Empty/Full Interrupt Flag bit
TXEN = 1 (FIFO is configured as a Transmit FIFO)
Transmit FIFO Empty Interrupt Flag
1
= FIFO is empty
0
= FIFO is not empty; at least one message queued to be transmitted
TXEN = 0 (FIFO is configured as a Receive FIFO)
Receive FIFO Full Interrupt Flag
1
= FIFO is empty
0
= FIFO is not full
bit 1
TFHRFHIF:
Transmit/Receive FIFO Half Empty/Half Full Interrupt Flag bit
TXEN = 1 (FIFO is configured as a Transmit FIFO)
Transmit FIFO Half Empty Interrupt Flag
1
= FIFO is ≤ half full
0
= FIFO is > half full
TXEN = 0 (FIFO is configured as a Receive FIFO)
Receive FIFO Half Full Interrupt Flag
1
= FIFO is ≥ half full
0
= FIFO is < half full
bit 0
TFNRFNIF:
Transmit/Receive FIFO Not Full/Not Empty Interrupt Flag bit
TXEN = 1 (FIFO is configured as a Transmit FIFO)
Transmit FIFO Not Full Interrupt Flag
1
= FIFO is not full
0
= FIFO is full
TXEN = 0 (FIFO is configured as a Receive FIFO)
Receive FIFO Not Empty Interrupt Flag
1
= FIFO is not empty, contains at least one message
0
= FIFO is empty
REGISTER 3-29:
CiFIFOSTAm – FIFO STATUS REGISTER m, (m = 1 TO 31) (CONTINUED)
Note 1:
FIFOCI<4:0> gives a zero-indexed value to the message in the FIFO. If the FIFO is 4 messages deep
(FSIZE=5’h03) FIFOCI will take on a value of 0 to 3 depending on the state of the FIFO.
2:
This bit is cleared when TXREQ is set or by writing a 0 using the SPI.
3:
This bit is updated when a message completes (or aborts) or when the FIFO is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com