công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS280DF810ABVT bảng dữ liệu(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DS280DF810ABVT
Giải thích chi tiết về linh kiện  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 37Page - Texas Instruments DS280DF810ABVT Datasheet HTML 38Page - Texas Instruments DS280DF810ABVT Datasheet HTML 39Page - Texas Instruments DS280DF810ABVT Datasheet HTML 40Page - Texas Instruments DS280DF810ABVT Datasheet HTML 41Page - Texas Instruments DS280DF810ABVT Datasheet HTML 42Page - Texas Instruments DS280DF810ABVT Datasheet HTML 43Page - Texas Instruments DS280DF810ABVT Datasheet HTML 44Page - Texas Instruments DS280DF810ABVT Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
41
DS280DF810
www.ti.com
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
10 Power Supply Recommendations
Follow these general guidelines when designing the power supply:
1. The power supply should be designed to provide the recommended operating conditions outlined in
Specifications in terms of DC voltage, AC noise, and start-up ramp time.
2. The maximum current draw for the DS280DF810 is provided in Specifications . This figure can be used to
calculate the maximum current the supply must provide. Typical mission-mode current draw can be inferred
from the typical power consumption in Specifications.
3. The DS280DF810 does not require any special power supply filtering (that is, ferrite bead) provided the
recommended operating conditions are met. Only standard supply decoupling is required. Refer to Pin
Configuration and Functions for details concerning the recommended supply decoupling.
11 Layout
11.1 Layout Guidelines
The following guidelines should be followed when designing the layout:
1. Decoupling capacitors should be placed as close to the VDD pins as possible. Placing them directly
underneath the device is one option if the board design permits.
2. High-speed differential signals TXnP/TXnN and RXnP/RXnN should be tightly coupled, skew matched, and
impedance controlled.
3. Vias should be avoided when possible on the high-speed differential signals. When vias must be used, care
should be taken to minimize the via stub, either by transitioning through most or all layers, or by back drilling.
4. GND relief can be used beneath the high-speed differential signal pads to improve signal integrity by
counteracting the pad capacitance.
5. GND vias should be placed directly beneath the device connecting the GND plane attached to the device to
the GND planes on other layers. This has the added benefit of improving thermal conductivity from the
device to the board
6. BGA landing pads for a 0.8 mm pitch flip-chip BGA are typically 0.4 mm in diameter (exposed). The actual
size of the copper pad will depend on whether solder-mask-defined (SMD) or non-solder-mask-defined
solder land pads are used. For more information, refer to TI’s Surface Mount Technology (SMT) References
at http://focus.ti.com/quality/docs under the "Quality and Lead (Pb)-Free Data" menu.
7. If vias are used for the high-speed signals, ground via should be implemented adjacent to the signal via to
provide return path and isolation. For differential pair, the typical via configuration is "ground-signal-signal-
ground."
11.2 Layout Example
The following example layout demonstrates how all signals can be escaped from the BGA array using stripline
routing on a generic 28-layer stackup. This example layout assumes the following:
•
Trace width: 0.127 mm (5 mil)
•
Trace edge-to-edge spacing: 0.152 mm (6 mil)
•
VIA finished hole size (diameter): 0.203 mm (8 mil)
•
VIA drilled hole size: 0.254 mm (10 mil)
•
VIA-to-VIA spacing: 1.0 mm (39 mil), to enhance PCB manufacturability
•
No VIA-in-pad used
Note that many other escape routing options exist using different trace width and spacing combinations. The
optimum trace width and spacing will depend on the PCB material, PCB routing density, and other factors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com