công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS280DF810ABVT bảng dữ liệu(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DS280DF810ABVT
Giải thích chi tiết về linh kiện  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 32Page - Texas Instruments DS280DF810ABVT Datasheet HTML 33Page - Texas Instruments DS280DF810ABVT Datasheet HTML 34Page - Texas Instruments DS280DF810ABVT Datasheet HTML 35Page - Texas Instruments DS280DF810ABVT Datasheet HTML 36Page - Texas Instruments DS280DF810ABVT Datasheet HTML 37Page - Texas Instruments DS280DF810ABVT Datasheet HTML 38Page - Texas Instruments DS280DF810ABVT Datasheet HTML 39Page - Texas Instruments DS280DF810ABVT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
36
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
7. Make provisions in the schematic and layout for a 25 MHz (±100 ppm) single-ended CMOS clock. Each
DS280DF810 retimer buffers the clock on the CAL_CLK_IN pin and presents the buffered clock on the
CAL_CLK_OUT pin. This allows multiple (up to 20) retimers’ calibration clocks to be daisy chained to avoid
the need for multiple oscillators on the board. If the oscillator used on the board has a 2.5 V CMOS output,
then no AC coupling capacitor or resistor ladder is required at the input to CAL_CLK_IN. No AC coupling or
resistor ladder is needed between one retimer’s CAL_CLK_OUT output and the next retimer’s CAL_CLK_IN
input. The final retimer’s CAL_CLK_OUT output can be left floating.
8. Connect the INT_N open-drain output to an FPGA or CPU if interrupt monitoring is desired. Note that
multiple retimers’ INT_N outputs can be connected together since this is an open-drain output. The common
INT_N net should be pulled high.
9. If the application requires initial CDR lock acquisition at the ambient temperature extremes defined in Timing
Requirements, Retimer Jitter Specifications, then care should be taken to ensure the operating junction
temperature is met as well as the CDR stay-in-lock ambient temperature range defined in Timing
Requirements, Retimer Jitter Specifications. For example, if initial CDR lock acquisition occurs at an ambient
temperature of 85 ºC, then maintaining CDR lock would require the ambient temperature surrounding the
DS280DF810 to be kept above (85 ºC - TEMPLOCK-).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com