công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS280DF810ABVT bảng dữ liệu(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DS280DF810ABVT
Giải thích chi tiết về linh kiện  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT bảng dữ liệu(HTML) 35 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 31Page - Texas Instruments DS280DF810ABVT Datasheet HTML 32Page - Texas Instruments DS280DF810ABVT Datasheet HTML 33Page - Texas Instruments DS280DF810ABVT Datasheet HTML 34Page - Texas Instruments DS280DF810ABVT Datasheet HTML 35Page - Texas Instruments DS280DF810ABVT Datasheet HTML 36Page - Texas Instruments DS280DF810ABVT Datasheet HTML 37Page - Texas Instruments DS280DF810ABVT Datasheet HTML 38Page - Texas Instruments DS280DF810ABVT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
35
DS280DF810
www.ti.com
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Typical Application (continued)
9.2.1.1 Design Requirements
For this design example, the following guidelines outlined in Table 8 apply.
Table 8. Backplane and Mid-Plane Application Design Guidelines
DESIGN PARAMETER
REQUIREMENT
AC coupling capacitors
Not required. AC coupling capacitors are included in the device
package.
Input channel insertion loss
≤ 35 dB at 25.78125 Gbps Nyquist frequency
≤ 30 dB at 28 Gbps Nyquist frequency
Output channel insertion loss
Depends on downstream ASIC and FPGA capabilities. The
DS280DF810 has a low-jitter output driver with 3-tap FIR filter for
equalizing a portion of the output channel.
Link partner TX launch amplitude
800 mVppd to 1200 mVppd
Link partner TX FIR filter
Depends on channel loss
9.2.1.2 Detailed Design Procedure
The design procedure for backplane and mid-plane applications is as follows:
1. Determine the total number of channels on the board which require a DS280DF810 for signal conditioning.
This will dictate the total number of DS280DF810 devices required for the board. It is generally
recommended that channels with similar total insertion loss on the board be grouped together in the same
DS280DF810 device. This will simplify the device settings, as similar loss channels generally utilize similar
settings.
2. Determine the maximum current draw required for all DS280DF810 retimers. This may impact the selection
of the regulator for the 2.5 V supply rail. To calculate the maximum current draw, multiply the maximum
transient power supply current by the total number of DS280DF810 devices.
3. Determine the maximum operational power consumption for the purpose of thermal analysis. There are two
ways to approach this calculation:
a. Maximum mission-mode operational power consumption is when all channels are locked and
retransmitting the data which is received. PRBS pattern checkers and generators are not used in this
mode since normal traffic cannot be checked with a PRBS checker. For this calculation, multiply the
worst-case power consumption in mission mode by the total number of DS280DF810 devices.
b. Maximum debug-mode operational power consumption is when all channels are locked and
retransmitting the data which is received. At the same time, some channels’ PRBS checkers or
generators may be enabled. For this calculation, multiply the worst-case power consumption in debug
mode by the total number of DS280DF810 devices.
4. Determine the SMBus address scheme needed to uniquely address each DS280DF810 device on the board.
Each DS280DF810 can be strapped with one of 16 unique SMBus addresses. If there are more
DS280DF810 devices on the board than the number of unique SMBus addresses which can be assigned,
then use an I2C expander like the TCA/PCA family of I2C/SMBus switches and multiplexers to split up the
SMBus into multiple busses.
5. Determine if the device will be configured from EEPROM (SMBus Master Mode) or from the system I2C bus
(SMBus Slave Mode).
a. If SMBus Master Mode will be used, provisions should be made for an EEPROM on the board with 8-bit
SMBus address 0xA0.
b. If SMBus Slave Mode will be used for all device configurations, an EEPROM is not needed.
6. Make provisions in the schematic and layout for standard decoupling capacitors between the device VDD
supply and GND. Refer to the pin function description in Pin Configuration and Functions for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com