| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS280DF810ABVT bảng dữ liệu(PDF) 37 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DS280DF810ABVT bảng dữ liệu(HTML) 37 Page - Texas Instruments |
|
37 / 51 page ![]() Line Card x8 25 G / 28 G - LR Mezzanine DS280DF810 DS280DF810 DS280DF810 Mezzanine x8 25 G SR / 28 G - LR ASIC FPGA DS280DF810 Optical Optical or Copper Optical Optical 25 G / 28 G VSR 25 G / 28 G VSR 37 DS280DF810 www.ti.com SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019 Product Folder Links: DS280DF810 Submit Documentation Feedback Copyright © 2016–2019, Texas Instruments Incorporated 9.2.2 Front-Port Jitter Cleaning Application The DS280DF810 has strong equalization capabilities that allow it to equalize insertion loss, reduce jitter, and extend the reach of front-port interfaces. A single DS280DF810 can be used to support all eight egress channels for a stacked QSFP cage. Another DS280DF810 can be used to support all eight ingress channels for the same stacked QSFP cage. Alternatively, a single DS280DF810 can be used to support all egress and ingress channels for a single QSFP port. For applications which require IEEE802.3 100GBASE-CR4 or 25GBASE-CR auto-negotiation and link training, a linear repeater device such as the DS280BR820 (or similar) is recommended. Figure 18 illustrates this configuration, and Timing Requirements, Retimer Jitter Specifications shows an example simplified schematic for a typical front-port application. Figure 18. Front-Port Application Block Diagram |