| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA450A bảng dữ liệu(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA450A bảng dữ liệu(HTML) 48 Page - STMicroelectronics |
|
48 / 66 page ![]() STA450A 48/66 3.3.23 ARTSNG_LABEL_REQ (SIB 3) 3.3.24 PTY_LABEL_REQ BYTE FIELD VALUE DESCRIPTION 0 SERVICE_LABEL_CFM 0xA1 Service Label Confirm header 1 sib2_status 0x00 – SIB2_ABSENT 0x01 – SIB2_PRESENT If SIB2 was not received, then DSP returns SIB2_ABSENT. If SIB2 was received, then DSP returns SIB2_PRESENT. 2 sid 1-255 Service identifier 3 – 18 service_block2 Service Information Block 2 (SIB2). The artist and song label are contained in SIB2. Reference: Service Layer Specification BYTE FIELD VALUE DESCRIPTION 0 ARTSNG_LABEL_REQ 0x22 Artist/Song Label Request header 1 channel_number 1-255 Channel number for which DSP returns the Artist/Song Label. BYTE FIELD VALUE DESCRIPTION 0 ARTSNG_LABEL_CFM 0xA2 Artist/Song Label Confirm header 1 sib3_status 0x00 – SIB3_ABSENT 0x01 – SIB3_PRESENT If SIB3 was not received, then DSP returns SIB3_ABSENT. If SIB3 was received, then DSP returns SIB3_PRESENT 2 sid 1-255 Service identifier 3 – 39 service_block3 Service Information Block 3 (SIB3). The artist and song label are contained in SIB3. Reference: Service Layer Specification. BYTE FIELD VALUE DESCRIPTION 0 PROGRAM_LABEL_REQ 0x23 Program Label Request header 1 program_type 1 – 31 Program type. The program type is used as an index into the program label table to obtain the program label. BYTE FIELD VALUE DESCRIPTION 0 PROGRAM_LABEL_CFM 0xA3 Program Label Confirm header 1 program_label_status 0x00 – PROGLABEL_ABSENT 0x01 – PROGLABEL_PRESENT If the program label was not received, then DSP returns PROGLABEL_ABSENT. If the program label was received, then DSP returns PROGLABEL_PRESENT. |