| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA450A bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA450A bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 66 page ![]() STA450A 20/66 HOST_Cmd0 Address : 0x13 Type : R/W Software Reset : 0 Hardware Reset : 0 Description A write into the bits 0 of this register generates a interrupt to the DSP core HOST_I2cdiv Address : 0x1C Type : R/W Software Reset : 0x0B Hardware Reset : 0x0B Description Hold time = HOST_I2cdiv/fc where the fc is the DSP system frequency. HOST_SerialDivH - HOST_SerialDivL Address : 0x1F - 0x1E Type : R/W Software Reset : 0x00(HOST_SerialDivH) - 0x00 (HOST_SerialDivL) Hardware Reset : 0x00 (HOST_SerialDivH) - 0x00 (HOST_SerialDivL) Description These registers are used to specify the frequency division factor of the system clock for the RS232 interface used for the emulation; bit rate = fc/(( HOST_SerialDivH << 8) | HOST_SerialDivL) HOST_MemoryAccess Address : 0x2B Type : W Software Reset : NA Hardware Reset : 0 Description Setting the bit 3 the core is enabled to access the ucode inside the memory 7654 3210 13 Cmd0 7654 3210 1C Div [5:0] 7654 3210 1F Div [15:8] 1E Div[7;0] 7654 3210 2B |