công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA450A bảng dữ liệu(PDF) 26 Page - STMicroelectronics

tên linh kiện STA450A
Giải thích chi tiết về linh kiện  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A bảng dữ liệu(HTML) 26 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 22Page - STMicroelectronics STA450A Datasheet HTML 23Page - STMicroelectronics STA450A Datasheet HTML 24Page - STMicroelectronics STA450A Datasheet HTML 25Page - STMicroelectronics STA450A Datasheet HTML 26Page - STMicroelectronics STA450A Datasheet HTML 27Page - STMicroelectronics STA450A Datasheet HTML 28Page - STMicroelectronics STA450A Datasheet HTML 29Page - STMicroelectronics STA450A Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
STA450A
26/66
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
HOST_APLL48_MDIV
Address
: 0x53
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
HOST_APLL48_NDIV
Address
: 0x54
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
Description
The HOST_APLL48_XDIV, HOST_APLL48_MDIV and HOST_APLL48_NDIV registers are used to
configure the X, M and N divider of the Audio Fractional PLL for the Fs = 48KHz family.
The registers have to be programmed before the start_up of the DSP.
.HOST_APLL441_LSB
Address
: 0x55
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
HOST_APLL441_MSB
Address
: 0x56
Type
: R/W
Software Reset
: NA
Hardware Reset
: NA
Description
The HOST_APLL441_LSB and the HOST_APLL441_MSB are considered logically concatenated and
7654
3210
53
7654
3210
54
7654
3210
50
7654
3210
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66