| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA450A bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA450A bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 66 page ![]() STA450A 14/66 2.2.3 "Single read" & "multiple read" & "sub-address + single read" & "sub-address + multiple read" The single read operations are performed from the current sub-address value. The sub-address value can be initialized using the "sub_address" initialization" sequence presented in the previous transfer chart : see the "combined format - sub-address + single read" diagram in the following chart. The multiple read operations are performed from the current sub-address value and the sub-address register is automatically incremented at each access. The sub-address value can be initialized using the "sub_address ini- tialization" sequence presented in the previous transfer chart : see the "combined format - sub-address + mul- tiple read" diagram in the following chart. The length of a multiple read is limited to the size of the Host register area (256 locations). A multiple read is terminated by a Non Master Acknowledge followed by a STOP condition. START SLAVE A DDR ESS SUB-AD DR E SS @ W SA SA DAT A TO @ SA ST OP SUB-A D DR ESS + SING L E W RIT E SUB-ADDRESS IN ITIA L IZ A TION W : R/W B IT = WR IT E SA : SLAVE AC KNOWL ED GE @ : SUB-AD DR E SS V AL UE START SLAVE A DDR ESS SUB-AD DR E SS @ W SA SA DAT A TO @ SA SU B-AD D RES S + MU LT IP LE W RITE DAT A T O @+1 SA DA TA TO @+2 SA STO P START SLAVE A DDR ESS SUB-AD DR E SS @ W SA SA STO P STA RT SLAVE AD- DA TA R SA NM A ST OP SINGLE READ STA RT SL AV E ADDRESS FIRST DAT A R SA ST OP MU LTIP LE REA D MA SE CON D DA TA NM A ST ART SL AV E ADDRESS SUB-ADDRESS WSA C OM BIN ED FOR MA T : S UB-A D DR ES S + SIN GLE REA D DAT A FROM @ W ST AR SL AV E A D- R SA NM A ST OP SA ST ART SL AV E AD DRE SS W SA SUB-ADDRESS @ SA ST ART SLAVE ADDRE SS R SA DAT A FROM @ + 1 MA DAT A FROM @ NM A STO P C OMBIN ED FO RM AT : S U B-AD D RES S + MU LTIPLE REA D R : R/W BIT = RE AD SA : SLAVE ACKNOWL ED GE MA : M AST ER A CKN OW LE DG E N M A : N O M A STER ACK NO WLED GE (L AST DA TA ) @ : SU B-AD DRE SS VA LU E |