công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS3471 bảng dữ liệu(PDF) 26 Page - Semtech Corporation

tên linh kiện GS3471
Giải thích chi tiết về linh kiện  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 bảng dữ liệu(HTML) 26 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 22Page - Semtech Corporation GS3471 Datasheet HTML 23Page - Semtech Corporation GS3471 Datasheet HTML 24Page - Semtech Corporation GS3471 Datasheet HTML 25Page - Semtech Corporation GS3471 Datasheet HTML 26Page - Semtech Corporation GS3471 Datasheet HTML 27Page - Semtech Corporation GS3471 Datasheet HTML 28Page - Semtech Corporation GS3471 Datasheet HTML 29Page - Semtech Corporation GS3471 Datasheet HTML 30Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
26 of 179
Semtech
www.semtech.com
The CLI readout value has a multiplication resolution of 1 between 0h and 7Fh. In the
range from 80h to EFh the measurement resolution of CLI is reduced, and CLI value
increments by a multiple of 3.
Note: Any additional loss due to other transmission line elements (such as patch panels,
barrels, extra connectors, etc.) also translates to an equivalent cable length based on the
cable scaling factor.
4.3.2 Programmable Squelch Threshold
The GS3471 features a programmable squelch threshold, set through the device's host
interface. It impacts Equalizer Loss of Signal (EQ LOS) status. As shown in Figure 4-4,
squelch only affects the EQ LOS status when the Equalizer bits, BYPASS, and SLEEP[1:0]
in EQ_CONF_REG_0 are all 0.
The device continually compares the strength of the input signal as set in the
CABLE_LENGTH_INDICATOR bits in the STATUS_REG_0 register to the squelch
threshold set by the SQUELCH_THRESHOLD bits in the EQ_CONF_REG_1 register.
When the value reported by the CABLE_LENGTH_INDICATOR bits exceeds the value
programmed by the SQUELCH_THRESHOLD bits by 3 or more, the Equalizer Loss of
Signal (EQ LOS) status bit in the STATUS_REG_0 register is set to 1.
When the value reported by the CABLE_LENGTH_INDICATOR bits falls below the value
programmed by the SQUELCH_THRESHOLD bits by 3 or more, the Equalizer Loss of
Signal (EQ LOS) status bit in the STATUS_REG_0 register is set to 0.
This ±2 hysteresis around the SQUELCH_THRESHOLD setting avoids chattering of the
EQ LOS bit status for input signal strengths right around the threshold setting.
By default, the squelch threshold is set to the maximum possible level, and therefore
squelch is disabled.
4.3.3 Equalizer Loss of Signal (EQ LOS)
The Equalizer Loss of Signal (EQ LOS) status indicates whether or not a signal that meets
the device‘s programmed thresholds is present at its input. When EQ LOS is de-asserted
(set to 0), a supported input signal has been detected. Figure 4-4 shows how EQ LOS is
derived.
The EQ LOS function continuously monitors conditions of the input signal. In EQ Sleep,
EQ Auto-Sleep, or EQ Bypass modes, this is limited to carrier detection.
Table 4-3: Cable Length Scaling Factors
Cable Type
CLI Scaling Factor
Belden 1694A
2.5
Belden 8281
1.77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com