công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS3471 bảng dữ liệu(PDF) 31 Page - Semtech Corporation

tên linh kiện GS3471
Giải thích chi tiết về linh kiện  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 bảng dữ liệu(HTML) 31 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 27Page - Semtech Corporation GS3471 Datasheet HTML 28Page - Semtech Corporation GS3471 Datasheet HTML 29Page - Semtech Corporation GS3471 Datasheet HTML 30Page - Semtech Corporation GS3471 Datasheet HTML 31Page - Semtech Corporation GS3471 Datasheet HTML 32Page - Semtech Corporation GS3471 Datasheet HTML 33Page - Semtech Corporation GS3471 Datasheet HTML 34Page - Semtech Corporation GS3471 Datasheet HTML 35Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
31 of 179
Semtech
www.semtech.com
Table 4-4 provides a summary of all the options available for the serial digital output.
The DDO, DDO differential signal is capable of driving a Semtech Cable Driver through
at least 150mm of 100Ω differential FR4 trace, such that the Cable Driver output
conforms to the relevant SMPTE specification for the data rate, with the exception of the
jitter specifications.
The output can be DC-coupled into Semtech Cable Drivers that support 1.2V, 1.8V and
2.5V inputs.
The output buffer may be disabled to achieve power savings. This can be done using the
SERIAL_LOOPBACK_EN bit through the GSPI interface.
4.8 Serial Digital Retimer
The retimer operates at three frequencies: 2.97Gb/s, 1.485Gb/s, and 270Mb/s.
Note: The SD/HD bit takes precedence over the 3G/HD bit, so if the SD/HD bit is HIGH,
the 3G/HD bit is ignored.
The retimer can automatically determine the supported rate based on the input signal,
or the rate can be set manually. For more detail on these modes, please refer to
Section 4.4.1.
4.9 External Crystal/Reference Clock
The GS3471 requires an external 27MHz reference clock for correct operation. This
reference clock is generated by connecting a crystal to the XTAL and XTAL pins of the
device. Refer to Typical Application Circuit.
A crystal with a maximum frequency variation of ±100ppm and a maximum equivalent
resistance of 50Ω should be selected.The external crystal is used in the frequency
acquisition process. It has no impact on the output jitter performance of the device
when the device is locked to incoming data.
Alternately, a 27MHz external clock source can be connected to the XTAL pin of the
device. It is recommended to DC-couple the reference clock input and to ensure the
reference clock does not exceed 1.2V.
Table 4-4: Serial Digital Output
SERIAL_LOOPBACK_EN
RC_BYP
DDO/DDO
0X
Disabled
1
0
Re-timed
1
1
Buffered (not Re-timed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com