công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS3471 bảng dữ liệu(PDF) 93 Page - Semtech Corporation

tên linh kiện GS3471
Giải thích chi tiết về linh kiện  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 bảng dữ liệu(HTML) 93 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 89Page - Semtech Corporation GS3471 Datasheet HTML 90Page - Semtech Corporation GS3471 Datasheet HTML 91Page - Semtech Corporation GS3471 Datasheet HTML 92Page - Semtech Corporation GS3471 Datasheet HTML 93Page - Semtech Corporation GS3471 Datasheet HTML 94Page - Semtech Corporation GS3471 Datasheet HTML 95Page - Semtech Corporation GS3471 Datasheet HTML 96Page - Semtech Corporation GS3471 Datasheet HTML 97Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
93 of 179
Semtech
www.semtech.com
Figure 4-53: GSPI_BUS_THROUGH_ENABLE Operation
4.22.4 SCLK Pin
The SCLK pin is the GSPI serial data shift clock input to the device, and must be provided
by the host processor.
Serial data is clocked into the GS3471 SDIN pin on the rising edge of SCLK. Serial data is
clocked out of the device from the SDOUT pin on the falling edge of SCLK (read
operation). SCLK is ignored when CS is HIGH.
4.22.5 Command Word Description
All GSPI accesses are a minimum of 32 bits in length (a 16-bit Command Word followed
by a 16-bit Data Word) and the start of each access is indicated by the high-to-low
transition of the chip select (CS) pin of the GS3471.
The format of the Command Word and Data Words are shown in Figure 4-54.
Data received immediately following this high-to-low transition will be interpreted as a
new Command Word.
4.22.5.1 R/W bit - B15 Command Word
This bit indicates a read or write operation.
When R/W is set to 1, a read operation is indicated, and data is read from the register
specified by the ADDRESS field of the Command Word.
When R/W is set to 0, a write operation is indicated, and data is written to the register
specified by the ADDRESS field of the Command Word.
SDIN pin
SDOUT pin
GSPI_LINK
_DISABLE
BUS_THROUGH
CS pin
High-Z
Configuration and
Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com