công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CB64M16FN-DII bảng dữ liệu(PDF) 48 Page - Nanya Technology Corporation.

tên linh kiện NT5CB64M16FN-DII
Giải thích chi tiết về linh kiện  Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16FN-DII bảng dữ liệu(HTML) 48 Page - Nanya Technology Corporation.

Back Button NT5CB64M16FN-DII Datasheet HTML 44Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 45Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 46Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 47Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 48Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 49Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 50Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 51Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 52Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 165 page
background image
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8FN / NT5CB(C)64M16FP(Y)
Version 1.8
48
Nanya Technology Cooperation ©
08/ 2015
All Rights Reserved.
MPR Register Address Definition
The following table provide an overview of the available data location, how they are addressed by MR3 A[1:0] during a MRS
to MR3, and how their individual bits are mapped into the burst order bits during a Multi Purpose Register Read.
MPR MR3 Register Definition
MR3 A[2]
MR3 A[1:0]
Function
Burst
Length
Read Address
A[2:0]
Burst Order and Data Pattern
1
00
Read
Predefined
Pattern for
System
Calibration
BL8
000
Burst order 0,1,2,3,4,5,6,7
Pre-defined Data Pattern [0,1,0,1,0,1,0,1]
BC4
000
Burst order 0,1,2,3
Pre-defined Data Pattern [0,1,0,1]
BC4
100
Burst order 4,5,6,7
Pre-defined Data Pattern [0,1,0,1]
1
01
RFU
BL8
000
Burst order 0,1,2,3,4,5,6,7
BC4
000
Burst order 0,1,2,3
BC4
100
Burst order 4,5,6,7
1
10
RFU
BL8
000
Burst order 0,1,2,3,4,5,6,7
BC4
000
Burst order 0,1,2,3
BC4
100
Burst order 4,5,6,7
1
11
RFU
BL8
000
Burst order 0,1,2,3,4,5,6,7
BC4
000
Burst order 0,1,2,3
BC4
100
Burst order 4,5,6,7
Note: Burst order bit 0 is assigned to LSB and the burst order bit 7 is assigned to MSB of the selected MPR agent.
ACTIVE Command
The ACTIVE command is used to open (or activate) a row in a particular bank for subsequent access. The value on the
BA0-BA2 inputs selects the bank, and the addresses provided on inputs A0-A13 selects the row. These rows remain active
(or open) for accesses until a precharge command is issued to that bank. A PRECHARGE command must be issued before
opening a different row in the same bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com