công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CB64M16FN-DII bảng dữ liệu(PDF) 38 Page - Nanya Technology Corporation.

tên linh kiện NT5CB64M16FN-DII
Giải thích chi tiết về linh kiện  Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16FN-DII bảng dữ liệu(HTML) 38 Page - Nanya Technology Corporation.

Back Button NT5CB64M16FN-DII Datasheet HTML 34Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 35Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 36Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 37Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 38Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 39Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 40Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 41Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 42Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 165 page
background image
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8FN / NT5CB(C)64M16FP(Y)
Version 1.8
38
Nanya Technology Cooperation ©
08/ 2015
All Rights Reserved.
DLL “off” to DLL “on” Procedure
To switch from DLL “off” to DLL “on” (with requires frequency change) during Self-Refresh:
1. Starting from Idle state (all banks pre-charged, all timings fulfilled and DRAMs On-die Termination resistors (RTT) must
be in high impedance state before Self-Refresh mode is entered).
2. Enter Self Refresh Mode, wait until tCKSRE satisfied.
3. Change frequency, in guidance with “Input clock frequency change” section.
4. Wait until a stable is available for at least (tCKSRX) at DRAM inputs.
5. Starting with the Self Refresh Exit command, CKE must continuously be registered HIGH until tDLLK timing from subse-
quent DLL Reset command is satisfied. In addition, if any ODT features were enabled in the mode registers when Self
Refresh mode was entered. The ODT signal must continuously be registered LOW until tDLLK timings from subsequent
DLL Reset command is satisfied. If both ODT features are disabled in the mode registers when Self Refresh mode was
entered, ODT signal can be registered LOW or HIGH.
6. Wait tXS, then set MR1 Bit A0 to “0” to enable the DLL.
7. Wait tMRD, then set MR0 Bit A8 to “1” to start DLL Reset.
8. Wait tMRD, then set Mode registers with appropriate values (especially an update of CL, CWL, and WR may be
necessary. After tMOD satisfied from any proceeding MRS command, a ZQCL command may also be issued during or
after tDLLK).
9. Wait for tMOD, then DRAM is ready for next command (remember to wait tDLLK after DLL Reset before applying
command requiring a locked DLL!). In addition, wait also for tZQoper in case a ZQCL command was issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com