công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CB64M16FN-DII bảng dữ liệu(PDF) 13 Page - Nanya Technology Corporation.

tên linh kiện NT5CB64M16FN-DII
Giải thích chi tiết về linh kiện  Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16FN-DII bảng dữ liệu(HTML) 13 Page - Nanya Technology Corporation.

Back Button NT5CB64M16FN-DII Datasheet HTML 9Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 10Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 11Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 12Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 13Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 14Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 15Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 16Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 17Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 165 page
background image
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8FN / NT5CB(C)64M16FP(Y)
Version 1.8
13
Nanya Technology Cooperation ©
08/ 2015
All Rights Reserved.
“High” after Reset, CKE needs to be continuously registered “High” until the initialization sequence is finished,
including expiration of tDLLK and tZQinit.
4. The DDR3(L) DRAM will keep its on-die termination in high impedance state as long as REETis asserted. Further,
the DRAM keeps its on-die termination in high impedance state after REET de-assertion until CKE is registered HIGH.
The ODT input signal may be in undefined state until tIS before CKE is registered HIGH. When CKE is registered
HIGH, the ODT input signal may be statically held at either LOW or HIGH. If RTT_NOM is to be enabled in MR1, the
ODT input signal must be statically held LOW. In all cases, the ODT input signal remains static until the power up
initialization sequence is finished, including the expiration of tDLLK and tZQinit.
5. After CKE being registered high, wait minimum of Reset CKE Exit time, tXPR, before issuing the first MRS command
to load mode register. [TXPR=max (tXS, 5tCK)]
6. Issue MRS command to load MR2 with all application settings. (To issue MRS command for MR2, provide “Low” to
BA0 and BA2, “High” to BA1)
7. Issue MRS command to load MR3 with all application settings. (To issue MRS command for MR3, provide “Low” to
BA2, “High” to BA0 and BA1)
8. Issue MRS Command to load MR1 with all application settings and DLL enabled. (To issue “DLL Enable” command,
provide “Low” to A0, “High” to BA0 and “Low” to BA1 and BA2)
9. Issue MRS Command to load MR0 with all application settings and “DLL reset”. (To issue DLL reset command,
provide “High” to A8 and “Low” to BA0-BA2)
10. Issue ZQCL command to starting ZQ calibration.
11. Wait for both tDLLK and tZQinit completed.
12. The DDR3 (L) SDRAM is now ready for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com