công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CB64M16FN-DII bảng dữ liệu(PDF) 18 Page - Nanya Technology Corporation.

tên linh kiện NT5CB64M16FN-DII
Giải thích chi tiết về linh kiện  Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16FN-DII bảng dữ liệu(HTML) 18 Page - Nanya Technology Corporation.

Back Button NT5CB64M16FN-DII Datasheet HTML 14Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 15Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 16Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 17Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 18Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 19Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 20Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 21Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 22Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 165 page
background image
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8FN / NT5CB(C)64M16FP(Y)
Version 1.8
18
Nanya Technology Cooperation ©
08/ 2015
All Rights Reserved.
MR0 Definition
BA2 BA1 BA0
A15-A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
0
0
PPD
DLL
TM
RBT
CL
A12
A8
A3
0
0
0
1
1
1
BA1 BA0
MR select
A7
0
0
MR0
0
0
1
MR1
1
A1
A0
1
0
MR2
0
0
1
1
MR3
0
1
1
0
A11
A10
A9
1
1
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
A6
A5
A4
A2
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
0
1
0
0
0
1
0
1
0
1
1
0
0
1
1
1
0
0
0
0
1
0
0
1
1
0
1
0
1
0
1
1
1
1
0
0
1
1
0
1
1
1
1
0
1
1
1
1
1
WR
CAS Latency
BL
MR select
Slow exit(DLL off)
PPD
Fast exit(DLL on)
WR
DLL Reset
No
Yes
mode
Normal
Test
Reserved
Read Burst Type
Nibble Sequential
Interleave
5
6
7
8
12
14
16
10
11
10
12
Reserved
Reserved
BC4(Fixed)
BL
8(Fixed)
BC4 or 8 (on the fly)
Reserved
CAS Latency
5
Reserved
Reserved
6
7
8
9
13
14
Reserved
*1: BA2 and A13~A15 are RFU and must be programmed to 0 during MRS.
*2: WR (write recovery for autoprecharge)min in clock cycles is calculated by dividing tWR(in ns) by tCK(in ns) and rounding up to the next
integer: WRmin[cycles] = Roundup(tWR[ns] / tCK[ns]). The WR value in the mode register must be programmed to be equal or larger than
WRmin. The programmed WR value is used with tRP to determine tDAL.
*3: The table only shows the encodings for a given Cas Latency. For actual supported Cas Latency, please refer to speedbin tables for each frequency
*4: The table only shows the encodings for Write Recovery. For actual Write recovery timing, please refer to AC timingtable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com