công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CB64M16FN-DII bảng dữ liệu(PDF) 28 Page - Nanya Technology Corporation.

tên linh kiện NT5CB64M16FN-DII
Giải thích chi tiết về linh kiện  Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16FN-DII bảng dữ liệu(HTML) 28 Page - Nanya Technology Corporation.

Back Button NT5CB64M16FN-DII Datasheet HTML 24Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 25Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 26Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 27Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 28Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 29Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 30Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 31Page - Nanya Technology Corporation. NT5CB64M16FN-DII Datasheet HTML 32Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 165 page
background image
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8FN / NT5CB(C)64M16FP(Y)
Version 1.8
28
Nanya Technology Cooperation ©
08/ 2015
All Rights Reserved.
Multi-Purpose Register (MPR)
The Multi Purpose Register (MPR) function is used to Read out a predefined system timing calibration bit sequence. To
enable the MPR, a Mode Register Set (MRS) command must be issued to MR3 register with bit A2=1. Prior to issuing the
MRS command, all banks must be in the idle state (all banks precharged and tRP met). Once the MPR is enabled, any
subsequent RD or RDA commands will be redirected to the Multi Purpose Register. When the MPR is enabled, only RD or
RDA commands are allowed until a subsequent MRS command is issued with the MPR disabled (MR3 bit A2=0). Power
down mode, Self-Refresh and any other non-RD/RDA command is not allowed during MPR enable mode. The RESET
function is supported during MPR enable mode.
The Multi Purpose Register (MPR) function is used to Read out a predefined system timing calibration bit sequence.
Fig. 1: MPR Block Diagram
To enable the MPR, a MODE Register Set (MRS) command must be issued to MR3 Register with bit A2 = 1, prior to issuing
the MRS command, all banks must be in the idle state (all banks precharged and tRP met). Once the MPR is enabled, any
subsequent RD or RDA commands will be redirected to the Multi Purpose Register. The resulting operation, when a RD or
RDA command is issued, is defined by MR3 bits A[1:0] when the MPR is enabled as shown. When the MPR is enabled,
only RD or RDA commands are allowed until a subsequent MRS command is issued with the MPR disabled (MR3 bit A2 =
0). Note that in MPR mode RDA has the same functionality as a READ command which means the auto precharge part of
RDA is ignored. Power-Down mode, Self-Refresh and any other non-RD/RDA command is not allowed during MPR enable
mode. The RESET function is supported during MPR enable mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com