| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML9092-01TB bảng dữ liệu(PDF) 53 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML9092-01TB bảng dữ liệu(HTML) 53 Page - OKI electronic componets |
|
53 / 66 page ![]() FEDL9092-01 OKI Semiconductor ML9092-01/02/03/04 53/66 • Contrast ADJ (CA) set D7 D6 D5 D4 D3 D2 D1 D0 — — — — CT3 CT2 CT1 CT0 —: don’t care This instruction is for adjusting the liquid crystal display voltage. (1) D3 to D0 (CT3 to CT0) (Contrast adjustment value setting bits) When FH is written to these bits, the liquid crystal display voltage (voltage between the V0 and VSS pins) becomes a maximum. When 0H is written, the liquid crystal display voltage becomes a minimum. By setting the values from 0H to FH, the liquid crystal display voltage can be adjusted just like an electronic volume control. These bits are all reset to “0” if the RESET pin is pulled to a “L” level. V0 Ouput Target Voltage for Contrast ADJ Setting Values Contrast ADJ setting values V0 output target voltage CT3 CT2 CT1 CT0 ML9092-01/02 ML9092-03/04 1 1 1 1 0.980VOUT 0.980VHIN 1 1 1 0 0.973VOUT 0.973VHIN 1 1 0 1 0.947VOUT 0.947VHIN 1 1 0 0 0.923VOUT 0.923VHIN 1 0 1 1 0.900VOUT 0.900VHIN 1 0 1 0 0.878VOUT 0.878VHIN 1 0 0 1 0.857VOUT 0.857VHIN 1 0 0 0 0.837VOUT 0.837VHIN 0 1 1 1 0.818VOUT 0.818VHIN 0 1 1 0 0.800VOUT 0.800VHIN 0 1 0 1 0.783VOUT 0.783VHIN 0 1 0 0 0.766VOUT 0.766VHIN 0 0 1 1 0.750VOUT 0.750VHIN 0 0 1 0 0.735VOUT 0.735VHIN 0 0 0 1 0.720VOUT 0.720VHIN 0 0 0 0 0.700VOUT 0.700VHIN |