công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9154-EBZ bảng dữ liệu(PDF) 108 Page - Analog Devices

tên linh kiện AD9154-EBZ
Giải thích chi tiết về linh kiện  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ bảng dữ liệu(HTML) 108 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 104Page - Analog Devices AD9154-EBZ Datasheet HTML 105Page - Analog Devices AD9154-EBZ Datasheet HTML 106Page - Analog Devices AD9154-EBZ Datasheet HTML 107Page - Analog Devices AD9154-EBZ Datasheet HTML 108Page - Analog Devices AD9154-EBZ Datasheet HTML 109Page - Analog Devices AD9154-EBZ Datasheet HTML 110Page - Analog Devices AD9154-EBZ Datasheet HTML 111Page - Analog Devices AD9154-EBZ Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 108 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x284
LOOP_
FILTER_1
[7:4]
LOOP_FILTER_1
Loop filter configuration setting.
0x7
R/W
[3:0]
0x7
R/W
0x285
LOOP_
FILTER_2
[7:4]
LOOP_FILTER_2
Loop filter configuration setting.
0x8
R/W
[3:0]
0x7
R/W
0x286
LOOP_
FILTER_3
[7:4]
LOOP_FILTER_3
Loop filter configuration setting.
0x0
R/W
[3:0]
0x8
R/W
0x287
CP_CURRENT
7
RESERVED
Reserved.
0x0
R
6
SPI_SERDES_
LOGEN_POWER_
MODE
0x0
R/W
0 Power Mode 0.
1 Power Mode 1.
[5:0]
SPI_CP_CURRENT
CP Current Setting.
0x3F
R/W
0x289
REF_CLK_
DIVIDER_LDO
[7:4]
RESERVED
Reserved.
0x0
R
3
SPI_LDO_REF_
SEL
Selects LDO reference to be from the band gap or a
voltage divider (VDD/2).
0x0
R/W
0 Select band gap for reference.
1 Select voltage divider (VDD/2) for reference.
2
SPI_LDO_
BYPASS_FILT
Bypasses filter on LDO reference input.
0x1
R/W
0 Filter enabled.
1 Filter bypassed.
[1:0]
SPI_CDR_
OVERSAMP
Enable oversampling of input data.
0x0
R/W
The valid options are:
1×, 2×, and 4×.
1× works for Half Rate—6.25 Gbps to 12.5 Gbps.
1× works for Full Rate—3.125 Gbps to 6.25 Gbps.
2× works for Full Rate—1.625 Gbps to 3.125 Gbps
(2× oversampling).
4× works for Full Rate—812.5 Mbps to 1.625 Gbps
(4× oversampling).
Oversampling set in Register 0x230.
0 No oversampling. Data rate > 6 Gbps.
1 Oversample by 2×. 3 Gbps < data rate ≤ 6 Gbps.
2 Oversample by 4×. 1.5 Gbps < data rate ≤ 3 Gbps.
0x28A
VCO_LDO
[7:0]
SPI_SERDES_LDO
_CONFIG
VCO LDO Setting.
0x2B
R/W
0x28B
PLL_PD_REG
7
RESERVED
Reserved.
0x0
R/W
6
SPI_VCO_PD
VCO enable.
0x1
R/W
0 VCO enabled.
1 VCO disabled.
5
SPI_VCO_PD_
PTAT
0x1
R/W
4
SPI_VCO_PD_ALC
0x1
R/W
3
SPI_SYN_PD
0x1
R/W
2
SPI_SERDES_
LDO_PD
PD LDO.
0x1
R/W
0 LDO enabled.
1 LDO disabled.
1
SPI_SERDES_
LOGEN_PD_
OUTBUF
PD divider buffer.
0x1
R/W
0 Buffer enabled.
1 Buffer disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com