công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9154-EBZ bảng dữ liệu(PDF) 47 Page - Analog Devices

tên linh kiện AD9154-EBZ
Giải thích chi tiết về linh kiện  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ bảng dữ liệu(HTML) 47 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 43Page - Analog Devices AD9154-EBZ Datasheet HTML 44Page - Analog Devices AD9154-EBZ Datasheet HTML 45Page - Analog Devices AD9154-EBZ Datasheet HTML 46Page - Analog Devices AD9154-EBZ Datasheet HTML 47Page - Analog Devices AD9154-EBZ Datasheet HTML 48Page - Analog Devices AD9154-EBZ Datasheet HTML 49Page - Analog Devices AD9154-EBZ Datasheet HTML 50Page - Analog Devices AD9154-EBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 47 of 124
Configuration Parameters
The AD9154 modes refer to the link configuration parameters
for L, K, M, N, NP, S, and F. Table 46 provides the description
and addresses for these settings.
Table 46. Configuration Parameters
JESD204B
Setting
Description
Address
[Bits]
L − 1
Number of lanes − 1.
0x453[4:0]
F1 − 1
Number of ((octets per frame) per
lane) − 1.
0x454[7:0]
K − 1
Number of frames per multiframe − 1.
0x455[4:0]
M − 1
Number of converters − 1.
0x456[7:0]
N − 1
Converter bit resolution − 1.
0x457[4:0]
NP − 1
Bit packing per sample − 1.
0x458[4:0]
S − 1
Number of ((samples per converter)
per frame) − 1.
0x459[4:0]
HD
High density format. Set to 1 if F = 1.
Leave at 0 if F ≠ 1.
0x45A[7]
F1
F parameter, in ((octets per frame) per
lane).
0x476[7:0]
DID
Device ID. Match the device ID sent
by the transmitter.
0x450[7:0]
BID
Bank ID. Match the bank ID sent by
the transmitter.
0x451[3:0]
LID0
Lane ID for Lane 0. Match the lane ID
sent by the transmitter on Logical
Lane 0.
0x452[4:0]
JESDVER
JESD Version. Match the version sent
by the transmitter (0x0 = JESD204A,
0x1 = JESD204B).
0x459[7:5]
1
F must be programmed in two places: Register 0x454, Bits[7:0] and
Register 0x459, Bits[7:0].
Data Flow Through the JESD204B Receiver
The link configuration parameters determine how the serial bits
on the JESD204B receiver interface are deframed and passed on
to the DACs as data samples. Figure 58 shows a detailed flow of
the data through the various hardware blocks for Mode 4 (L = 4,
M = 2, S = 1, F = 1). Simplified flow diagrams for all other modes
are provided in Figure 59 through Figure 67.
Single and Dual Link Configuration
The AD9154 uses the settings contained in Table 44 and Table 45.
Mode 0 to Mode 10 can be used for single link operation.
Mode 4 to Mode 10 can also be used for dual link operation.
To use dual link mode, set DUALLINK (Register 0x300, Bit 3) to 1.
In dual link mode, Link 1 must be programmed with identical
parameters to Link 0. To write to Link 1, set SEL_REG_MAP_1
(Register 0x300, Bit 2) to 1.
If single link mode is being used, a small amount of power can
be saved by powering down the output buffer for SYNCOUT1±,
which can be done by setting Register 0x203, Bit 0 = 1.
Checking Proper Configuration
As a convenience, the AD9154 provides some quick configuration
checks. Register 0x030, Bit 5 is high if an illegal LMFCDELx is
used. Register 0x030, Bit 3 is high if an unsupported combination
of L, M, F, or S is used. Register 0x030, Bit 2 is high if an illegal
K is used. Register 0x030, Bit 1 is high if an illegal SUBCLASSV
is used.
Deskewing and Enabling Logical Lanes
After proper configuration, the logical lanes must be deskewed and
enabled to capture data.
Set Bit x in Register 0x46C to 1 to deskew Logical Lane x and to 0 if
that logical lane is not being used. Then, set Bit x in Register 0x47D
to 1 to enable Logical Lane x and to 0 if that logical lane is not
being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com