công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9154-EBZ bảng dữ liệu(PDF) 75 Page - Analog Devices

tên linh kiện AD9154-EBZ
Giải thích chi tiết về linh kiện  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ bảng dữ liệu(HTML) 75 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 71Page - Analog Devices AD9154-EBZ Datasheet HTML 72Page - Analog Devices AD9154-EBZ Datasheet HTML 73Page - Analog Devices AD9154-EBZ Datasheet HTML 74Page - Analog Devices AD9154-EBZ Datasheet HTML 75Page - Analog Devices AD9154-EBZ Datasheet HTML 76Page - Analog Devices AD9154-EBZ Datasheet HTML 77Page - Analog Devices AD9154-EBZ Datasheet HTML 78Page - Analog Devices AD9154-EBZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 75 of 124
ANALOG OUTPUTS
TRANSMIT DAC OPERATION
Figure 79 shows a simplified block diagram of the transmit path
DAC cores. There are four DAC cores: DAC0 and DAC2 are
designated I DACs; DAC1 and DAC3 are designated Q DACs.
The DAC cores consist of a current switch array, digital control
logic, and full-scale output current control. The DAC full-scale
output current (IOUTFS) is defined in Table 1. The output currents
from the OUTx± pins are complementary, meaning that the sum of
the two currents always equals the full-scale current of the DAC.
OUTx± are current sinks. Current flows into the OUTx± ports.
The digital input code to the DAC determines the differential
current output.
OUT3+
OUT3–
OUT2+
OUT2–
OUT1+
OUT1–
OUT0+
OUT0–
CURRENT
SCALING
I DACS
FULL-SCALE
ADJUST
Q DACS
FULL-SCALE
ADJUST
1.2V
4kΩ
I20
DAC3
DAC2
DAC1
DAC0
Figure 79. Simplified Block Diagram of the DAC Core
A 4 kΩ external resistor, RSET, must be connected from the I120 pin
to ground. This resistor, along with the reference control
amplifier, sets up the correct internal bias currents for each
DAC core.
The full-scale current equation, where the DAC gain is set for
each I DAC core pair and each Q DAC core pair in
Registers 0x040 through Register 0x043 is as follows:
×
+
×
=
DAC gain
R
V
I
SET
REF
OUTFS
19
.
19
1
33
.
13
(5)
Figure 80 is a plot of IOUTFS as a function of DAC_GAIN_Ix and
DAC_GAIN_Qx
0
5
10
15
DAC GAIN CODE
20
25
Figure 80. DAC Full-Scale Current (IOUTFS) vs. DAC Gain Code
Transmit DAC Transfer Function
The output currents drawn by the OUTx+ and OUTx− pins are
complementary, meaning that the sum of the two (positive plus
negative) currents always equals the full-scale current of the DAC,
IOUTFS. The digital input code to a DAC determines the differential
current output. The OUTx+ pins provide the maximum output
current when all bits are high. The output currents vs. DACCODE
for the DAC outputs are expressed as
OUTFS
N
OUTP
I
DACCODE
I
×


=
2
(6)
OUTP
OUTFS
OUTN
I
I
I
−
=
(7)
where DACCODE = 0 to 2N − 1 and is the digital signal input to
a DAC core consisting of a stream of 16 bit samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com