công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9154-EBZ bảng dữ liệu(PDF) 70 Page - Analog Devices

tên linh kiện AD9154-EBZ
Giải thích chi tiết về linh kiện  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ bảng dữ liệu(HTML) 70 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 66Page - Analog Devices AD9154-EBZ Datasheet HTML 67Page - Analog Devices AD9154-EBZ Datasheet HTML 68Page - Analog Devices AD9154-EBZ Datasheet HTML 69Page - Analog Devices AD9154-EBZ Datasheet HTML 70Page - Analog Devices AD9154-EBZ Datasheet HTML 71Page - Analog Devices AD9154-EBZ Datasheet HTML 72Page - Analog Devices AD9154-EBZ Datasheet HTML 73Page - Analog Devices AD9154-EBZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 70 of 124
INTERRUPT REQUEST OPERATION
IRQ_EN
EVENT
DEVICE_RESET
EVENT_STATUS
INTERRUPT_SOURCE
IRQ_EN
STATUS_MODE
1
0
1
0
OTHER
INTERRUPT
SOURCES
IRQ
IRQ_RESET
Figure 74. Simplified Schematic of IRQ Circuitry
The AD9154 provides an interrupt request output signal on Pin 60
(IRQ) that can notify an external host processor of significant
device events. On assertion of the interrupt, query the device to
determine the precise event that occurred. The IRQ pin is an
open-drain, active low output. Pull the IRQ pin high external to
the device. This pin can be tied to the interrupt pins of other
devices with open-drain outputs to wire; OR these pins together.
Figure 74 shows a simplified block diagram of how the IRQ blocks
works. If IRQ_EN is low, the INTERRUPT_SOURCE signal is set
to 0. If IRQ_EN is high, any rising edge of EVENT causes the
INTERRUPT_SOURCE signal to be set high. If any INTERRUPT_
SOURCE signal is high, the IRQ pin is pulled low. INTERRUPT_
SOURCE can be reset to 0 by either an IRQ_RESET signal or a
DEVICE_RESET.
Depending on STATUS_MODE, the EVENT_STATUS bit reads
back event or INTERRUPT_SOURCE. The AD9154 has several
IRQ register blocks, which can monitor up to 75 events (depending
on device configuration). Certain details vary by IRQ register
block as described in Table 75. Table 76 shows which registers the
IRQ_EN, IRQ_RESET, and STATUS_MODE signals in Figure 74
are coming from, as well as the address where EVENT_STATUS
is read back.
Table 75. IRQ Register Block Details
Register Block
EVENT
Reported
EVENT_STATUS
0x01F to 0x026
Per chip
INTERRUPT_SOURCE if
IRQ is enabled, if not, it
is EVENT
0x46D to 0x46F; 0x470
to 0x473; 0x47A
Per link and
lane
INTERRUPT_SOURCE if
IRQ is enabled, if not, 0
0x47B[4]
Per link
INTERRUPT_SOURCE if
IRQ is enabled, if not, 0
INTERRUPT SERVICE ROUTINE
Interrupt request management starts by selecting the set of event
flags that require host intervention or monitoring. Enable the
events that require host action so that the host is notified when
they occur. For events requiring host intervention upon IRQ
activation, run the following routine to clear an interrupt request:
1. Read the status of the event flag bits that are being monitored.
2. Disable the interrupt by writing 0 to IRQ_EN.
3. Read the event source. For Register 0x01F to
Register 0x026, EVENT_STATUS has a live readback. For
other events, see their registers.
4. Perform any actions that may be required to clear the cause of
the event. In many cases, no specific actions may be required.
5. Verify that the event source is functioning as expected.
6. Clear the interrupt by writing 1 to IRQ_RESET.
7. Enable the interrupt by writing 1 to IRQ_EN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com