công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9154-EBZ bảng dữ liệu(PDF) 107 Page - Analog Devices

tên linh kiện AD9154-EBZ
Giải thích chi tiết về linh kiện  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ bảng dữ liệu(HTML) 107 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 103Page - Analog Devices AD9154-EBZ Datasheet HTML 104Page - Analog Devices AD9154-EBZ Datasheet HTML 105Page - Analog Devices AD9154-EBZ Datasheet HTML 106Page - Analog Devices AD9154-EBZ Datasheet HTML 107Page - Analog Devices AD9154-EBZ Datasheet HTML 108Page - Analog Devices AD9154-EBZ Datasheet HTML 109Page - Analog Devices AD9154-EBZ Datasheet HTML 110Page - Analog Devices AD9154-EBZ Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 107 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x230
CDR_
OPERATING_
MODE_REG_0
[7:6]
RESERVED
Reserved.
0x0
R/W
5
HALFRATE
Enables half rate CDR operation.
0x1
R/W
0 Disables CDR half rate operation, data rate ≤6 Gbps.
1 Enables CDR half rate operation, data rate > 6 Gbps.
[4:2]
RESERVED
Reserved.
0x0
R/W
1
CDR_OVERSAMP
Enables Oversampling of the Input Data. Set to 1
when 1.44 Gbps ≤ lane rate ≤ 2.88 Gbps.
0x0
R/W
0
RESERVED
Reserved.
0x0
R/W
0x268
EQ_BIAS_REG
[7:6]
EQ_POWER_
MODE
Controls the equalizer power/insertion loss
capability.
0x1
R/W
0 Normal Mode.
1 Low Power.
[5:0]
RESERVED
Reserved.
0x32
R/W
0x280
SYNTH_
ENABLE_
CNTRL
[7:3]
RESERVED
Reserved.
0x0
R
2
SPI_RECAL_
SYNTH
Set this bit high to re-run all of the SERDES PLL
calibration routines.
0x0
R/W
Set this bit low again to allow for additional re-
calibrations. Rising edge causes the calibration.
1
RESERVED
Reserved.
0x0
R/W
0
SPI_ENABLE_
SYNTH
Enable the SERDES PLL.
0x0
R/W
Setting this bit turns on all currents and proceeds to
calibrate the PLL.
Make sure reference clock and division ratios are
correct before enabling this bit.
0x281
PLL_STATUS
[7:6]
RESERVED
Reserved.
0x0
R
5
SPI_CP_OVER_
RANGE_HIGH_RB
Applies if SPI_VCO_OUTPUT_LEVEL = 0. If set, the CP
output is above CP Level Threshold High.
0x0
R
0 Charge pump output is below
CP_LEVEL_THRESHOLD_HIGH.
1 Charge pump output is above
CP_LEVEL_THRESHOLD_HIGH.
4
SPI_CP_OVER_
RANGE_LOW_RB
Applies if SPI_VCO_OUTPUT_LEVEL = 0. If set, the CP
output is below CP Level Threshold Low.
0x0
R
0 Charge pump output is above
CP_LEVEL_THRESHOLD_LOW.
1 Charge pump output is below
CP_LEVEL_THRESHOLD_LOW.
3
SPI_CP_CAL_
VALID_RB
This bit tells the user if the charge pump cal has
completed.
0x0
R
0 Charge pump calibration is not valid.
1 Charge pump calibration is valid.
2
SPI_VCO_CAL_IN
_PROGRESS_RB
This bit set indicates that a VCO calibration is
running.
0x0
R
0 VCO calibration is not running.
1 VCO calibration is running.
1
SPI_CURRENTS_
READY_RB
0x0
R
0 PLL bias currents are not ready.
1 PLL bias currents are ready.
0
SPI_PLL_LOCK_
RB
If set, the synth locked in the number of clock cycles
set by Lock Detect Count.
0x0
R
0 PLL is not locked.
1 PLL is locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com