công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9154-EBZ bảng dữ liệu(PDF) 112 Page - Analog Devices

tên linh kiện AD9154-EBZ
Giải thích chi tiết về linh kiện  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ bảng dữ liệu(HTML) 112 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 108Page - Analog Devices AD9154-EBZ Datasheet HTML 109Page - Analog Devices AD9154-EBZ Datasheet HTML 110Page - Analog Devices AD9154-EBZ Datasheet HTML 111Page - Analog Devices AD9154-EBZ Datasheet HTML 112Page - Analog Devices AD9154-EBZ Datasheet HTML 113Page - Analog Devices AD9154-EBZ Datasheet HTML 114Page - Analog Devices AD9154-EBZ Datasheet HTML 115Page - Analog Devices AD9154-EBZ Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 112 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x30D
FIFO_STATUS_
REG_1
[7:0]
LANE_FIFO_
EMPTY
FIFO Empty Flags for Each Logical Lane. An empty
FIFO indicates an error in the JESD204B configuration
or with a system clock. If the FIFO for Lane x is empty,
Bit x in this register will be high.
0x0
R
0x312
SYNCB_
GEN_1
[7:6]
RESERVED
Reserved.
0x0
R/W
[5:4]
SYNCB_ERR_DUR
Duration of SYNCOUTx± Low for Error. The duration
applies to both SYNCOUT0 and SYNCOUT1. A sync
error is asserted at the end of a multiframe
whenever one or more disparity, not in table or
unexpected control character errors are
encountered.
0x0
R/W
0
½ PCLK cycle.
1
1 PCLK cycle.
2
2 PCLK cycles.
[3:0]
RESERVED
Reserved.
0x0
R/W
0x314
SPI_SYNC_
CTRL
[7:1]
RESERVED
Reserved.
0x0
R
0
SPI_SYNC_CLK_
SEL
SERDES SPI Configuration.
0x0
R/W
0
1 Setting in PHY Layer setup.
0x315
PHY_PRBS_
TEST_EN
[7:0]
PHY_TEST_EN
Set Bit x to enable the PHY test for Lane x.
0x0
R/W
0x316
PHY_PRBS_
TEST_CTRL
7
RESERVED
Reserved.
0x0
R
[6:4]
PHY_SRC_ERR_
CNT
Report Lane Error Count.
0x0
R/W
[3:2]
PHY_PRBS_
PAT_SEL
To select PRBS pattern for PHY BER test.
0x0
R/W
0 PRBS7.
1 PRBS15.
2 PRBS31.
3 Not used.
1
PHY_TEST_START
To start and stop the PHY PRBS test.
0x0
R/W
0 test not started.
1 test started.
0
PHY_TEST_RESET
Reset PHY PRBS test state machine, and error
counters.
0x0
R/W
0 not reset.
1 reset.
0x317
PHY_PRBS_
TEST_THRES-
HOLD_LOBITS
[7:0]
PHY_PRBS_
THRESHOLD_
LOBITS
Bits[7:0] of the 24-bit threshold value to set the error
flag for PHY PRBS test.
0x0
R/W
0x318
PHY_PRBS_
TEST_THRESH
OLD_MIDBITS
[7:0]
PHY_PRBS_
THRESHOLD_
MIDBITS
Bits[15:8] of the 24-bit threshold value to set the
error flag for PHY PRBS test.
0x0
R/W
0x319
PHY_PRBS_
TEST_THRES-
HOLD_HIBITS
[7:0]
PHY_PRBS_
THRESHOLD_
HIBITS
Bits[23:16] of the 24-bit threshold value to set the
error flag for PHY PRBS test.
0x0
R/W
0x31A
PHY_PRBS_
TEST_ERRCNT_
LOBITS
[7:0]
PHY_PRBS_ERR_
CNT_LOBITS
Bits[7:0] of the 24-bit reported PHY BERT error count
from selected lane.
0x0
R
0x31B
PHY_PRBS_
TEST_ERRCNT_
MIDBITS
[7:0]
PHY_PRBS_ERR_
CNT_MIDBITS
Bits[15:8] of the 24-bit reported PHY BERT error count
from selected lane.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com