| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0144 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0144 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 92 page ![]() ST7 Assembler Linker 3 ST7 Assembler UM0144 29/92 3.6 Conditional assembly Conditional assembly is used to choose to ignore or select whole areas of assembler code. This is useful for generating different versions of a program by setting a particular variable in an INCLUDE file that forces the use of certain pieces of code instead of others. 3.6.1 #IF, #ELSE and #ENDIF directives There are three main directives used to perform conditional assembly, as shown in Table 11. The condition given with the '#IF' may take the form of any numeric expression. The rule for deciding whether it resolves to 'true' or 'false' is simple: if it has a zero value then it's false, else it's true. These directives should NOT start at column 1 of line, reserved for labels. For example: #IF {count eq 1} %OUT 'true' #ELSE %OUT 'false' #ENDIF This sequence would print 'true' if the label 'count' did equal 1, and ‘false’ if it didn't. For example: #IF {count gt 1} %OUT count more than one #IF {count gt 2} %OUT ...and more of TWO ! #ELSE %OUT ...but not more than two! #ENDIF #ELSE %OUT count not more than one #ENDIF Table 11. Summary of assembly directives Directive Usage #IF marks the start of the conditional and decides whether the following zone will be assembled or not. #ELSE optionally reserves the condition of the previous #IF for the following zone. #ENDIF marks the end of the previous #IF's. |