công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0144 bảng dữ liệu(PDF) 76 Page - STMicroelectronics

tên linh kiện UM0144
Giải thích chi tiết về linh kiện  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 bảng dữ liệu(HTML) 76 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 72Page - STMicroelectronics UM0144 Datasheet HTML 73Page - STMicroelectronics UM0144 Datasheet HTML 74Page - STMicroelectronics UM0144 Datasheet HTML 75Page - STMicroelectronics UM0144 Datasheet HTML 76Page - STMicroelectronics UM0144 Datasheet HTML 77Page - STMicroelectronics UM0144 Datasheet HTML 78Page - STMicroelectronics UM0144 Datasheet HTML 79Page - STMicroelectronics UM0144 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
ST7 Assembler Linker
76/92
UM0144
A.59
WORD
A.60
WORDS
Purpose:
Define word in object code.
Format:
WORD <exp>[, <exp>...]
Description:
This directive forces the word(s) in its argument list into the object code at the cur-
rent address. The arguments may be composed of complex expressions that may
even include external labels. If the argument was an expression and had a value
greater than FFFF then the lower 16 bits of the expression are used and no errors
are generated. WORD sends the words with the least significant byte first.
It's generally used for defining data tables. Synonymous with DC.W.
Example:
See Also:
DC.B, BYTE, STRING, DC.W, LONG, DC.L
Purpose:
Default new label length word.
Format:
WORDS
Description:
When a label is defined, four SEPARATE attributes are defined with its scope (inter-
nal or external defined) value (actual numerical value of the label) relativity (the label
is ABSOLUTE or RELATIVE), and lastly length (BYTE, WORD, or LONG).
All these attributes except length are defined explicitly before or at the definition: you
can force the label to be of a certain length by giving a dot suffix, e.g. 'label.b' forces
it to byte length.
You may also define a default state for label length: the label is created to this length
unless otherwise forced with a suffix. The default is set to WORD at the start of the
assembly, but may be CHANGED by BYTES, WORDS or LONGS to the appropriate
length.
Example:
See Also:
BYTES, WORDS
WORD 1,2,3,4,$1234
;0001,0002,0003,0004,1234
WORDS
lab1
EQU 5
; word length for lab1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92