công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0144 bảng dữ liệu(PDF) 78 Page - STMicroelectronics

tên linh kiện UM0144
Giải thích chi tiết về linh kiện  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 bảng dữ liệu(HTML) 78 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 74Page - STMicroelectronics UM0144 Datasheet HTML 75Page - STMicroelectronics UM0144 Datasheet HTML 76Page - STMicroelectronics UM0144 Datasheet HTML 77Page - STMicroelectronics UM0144 Datasheet HTML 78Page - STMicroelectronics UM0144 Datasheet HTML 79Page - STMicroelectronics UM0144 Datasheet HTML 80Page - STMicroelectronics UM0144 Datasheet HTML 81Page - STMicroelectronics UM0144 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
ST7 Assembler Linker
78/92
UM0144
Appendix B Error Messages
B.1
Format of error messages
There are two classes of errors trapped by the assembler: fatal and recoverable.
A fatal error stops the assembly there and then, returning you to the caller (which may or may not be DOS;
CBE can also invoke the assembler) with a message and error number describing the problem.
The actual format of the error messages is as follows:
file.asm(line): as<pass> : Error <errno> : <message> '<text>'
For Example:
Note:
The name of the program that handled the error (third field), can be as1 or as2 depending on
the pass in progress when the error was found.
The error number (fourth field) can be used as an index to find a more complete description of
the error in the next section (fatal errors read 'FATAL nn', instead of 'ERROR nn').
B.2
File CBE.ERR
Fatal and recoverable errors both are copied into the file CBE.ERR as they occur. CBE can use this
error file to give automatic error-finding. Most linker errors are also copied into CBE.ERR.
LINKER errors are described
page 84.
B.3
Assembler errors
1
Empty file
The assembler couldn't read even the first line of the given source code file.
2
EOF while in Macro Definition
The file ended while a macro was being defined; you should end the last macro definition
properly with a MEND statement.
3
Couldn't return to old place in source file 'X.asm'
error number
name of the program that handled the error
name of the file where the error was found
line number in the file
string describing the error
prog.asm(10): as2 : Error 50 : Doubly defined label 'fred'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92