| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0144 bảng dữ liệu(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0144 bảng dữ liệu(HTML) 64 Page - STMicroelectronics |
|
64 / 92 page ![]() ST7 Assembler Linker 64/92 UM0144 A.34 .LIST A.35 #LOAD Purpose: Enable listing (default). Format: .LIST Description: This directive switches on the listing if a previous .NOLIST has disabled it. The -'pa' or -'li' options must also have been set from the command line to generate a listing. This directive, in conjunction with the directive .NOLIST, can be used to control the listing of macro definitions. This directive does not generate assembly code or data. Example: See Also: .NOLIST Purpose: Load named object file at link time. Format: #LOAD “pathname\filename[.ext]” Description: This directive leaves a message for the linker to load the contents of the named file at the current position in the current segment. The file should be in 'straight binary' format, i.e., a direct image of the bytes you want in the object code. It should not be in Motorola (.s19) or Intel (.hex) format. Example: See Also: .LIST segment byte at 8000-C000 'EPROM1' #LOAD “table.bin” |