| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0144 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0144 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 92 page ![]() 3 ST7 Assembler ST7 Assembler Linker 20/92 UM0144 Operators have 4 levels of precedence. Operators in level #1 (listed in Table 4) take precedence over operators in level #2 (listed in Table 5), and so on. In each level, operators have same precedence—they are evaluated from left to right. Table 4. Level 1 operators Operation Result, level #1 -a negated a a and b logical AND of A and B a or b logical OR of A and B a xor b logical XOR of A and B a shr b a shifted right b times a shl b a shifted left b times a lt b 1 if a<b, else 0 a gt b 1 if a>b, else 0 a eq b 1 if a=b, else 0 a ge b 1 if a>=b, else 0 a ne b 1 if a unequal b, else 0 high a a/256, force arg to BYTE type low a a MOD 256, force arg to BYTE type offset a a MOD 65536, force arg to WORD*16 type seg a a/65536, force arg to WORD*16 type bnot a invert low 8 bits of a wnot a invert low 16 bits of a lnot a invert all 32 bits of a sexbw a sign extend byte to 16 bits sexbl a sign extend byte a to 32 bits sexwl a sign extend word to 32 bits Table 5. Level 2 operators Operation Result, level #2 a/b a divided by b a div b a divided by b Table 6. Level 3 operators Operation Result, level #3 a * b a multiplied by b a mult b as above for motorola (character * is reserved) |