| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0144 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0144 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 92 page ![]() 3 ST7 Assembler ST7 Assembler Linker 18/92 UM0144 You can change the Motorola format representation by using directives (.INTEL, .TEXAS) to indicate the new setting format. For more information, refer to on page 48. Caution: Addresses for SEGMENT definition are always given in hexadecimal: segment byte at: 100-1FF 'test' The segment 'test' is defined within the 256-511 address range. Numeric constants and radix Constants may need special characters to define the radix of the given number. The assembler supports the MOTOROLA format by default. INTEL, TEXAS, ZILOG formats are also available if the format is forced by .INTEL .TEXAS or .ZILOG directives. Table 3 on page 18 shows a summary of these formats. Note: Decimal constants are always the default, and require no special characters. String constants String constants are strings of ASCII characters surrounded by double quotes. For example: ASCII character constants The assembler's arithmetic parser also handles ASCII characters in single quotes, returning the ASCII of the given character(s). For example: Table 3. Numeric constants and radix formats Format Hex Binary Octal Current PC Motorola $ABCD or &ABCD %100 ~665 * (use MULT for MULTIPLY) Intel 0ABCDh 100b 665o or 665q $ Texas >ABCD ?100 ~665 $ Zilog %ABCD %(2)100 %(8)665 $ “This is an ASCII string” ‘A’ $41 ‘6’ $06 ‘AB’ $4142 |