công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAU1977WBCPZ-R7 bảng dữ liệu(PDF) 57 Page - Analog Devices

tên linh kiện ADAU1977WBCPZ-R7
Giải thích chi tiết về linh kiện  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 bảng dữ liệu(HTML) 57 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
Data Sheet
ADAU1977
Rev. C | Page 57 of 68
DIAGNOSTICS REPORT REGISTER CHANNEL 3
Address: 0x13, Reset: 0x00, Name: DIAG_STATUS3
Table 44. Bit Descriptions for DIAG_STATUS3
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
RW
6
MIC_SHORT3
Mic Terminals Shorted.
0x0
R
0
Normal Operation
1
Mic Terminals Shorted
5
MIC_OPEN3
Mic Open Connection.
0x0
R
0
Normal Operation
1
Mic Open Connection
4
MICH_SB3
Mic High Shorted to Supply.
0x0
R
0
Normal Operation
1
Mic High Shorted to Supply
3
MICH_SG3
Mic High Shorted to Ground.
0x0
R
0
Normal Operation
1
Mic High Shorted to Ground
2
MICH_SMB3
Mic High Shorted to MICBIAS.
0x0
R
0
Normal Operation
1
Mic High Shorted to MICBIAS
1
MICL_SB3
Mic Low Shorted to Supply.
0x0
R
0
Normal Operation
1
Mic Low Shorted to Supply
0
MICL_SG3
Mic Low Shorted to Ground.
0x0
R
0
Normal Operation
1
Mic Low Shorted to Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68