| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC7447 bảng dữ liệu(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC7447 bảng dữ liệu(HTML) 9 Page - ATMEL Corporation |
|
9 / 66 page ![]() 9 PC7457/47 [Preliminary] 5345B–HIREL–02/04 – Thermal management facility provides software-controllable thermal management. Thermal management is performed through the use of three supervisor-level registers and a PC7457-specific thermal management exception – Instruction cache throttling provides control of instruction fetching to limit power consumption • Performance monitor can be used to help debug system designs and improve software efficiency • In-system testability and debugging features through JTAG boundary-scan capability • Testability – LSSD scan design – IEEE 1149.1 JTAG interface – Array built-in self test (ABIST) – factory test only • Reliability and serviceability – Parity checking on system bus and L3 cache bus – Parity checking on the L2 and L3 cache tag arrays |