công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CCG3PA bảng dữ liệu(PDF) 14 Page - Cypress Semiconductor

tên linh kiện CCG3PA
Giải thích chi tiết về linh kiện  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA bảng dữ liệu(HTML) 14 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 10Page - Cypress Semiconductor CCG3PA Datasheet HTML 11Page - Cypress Semiconductor CCG3PA Datasheet HTML 12Page - Cypress Semiconductor CCG3PA Datasheet HTML 13Page - Cypress Semiconductor CCG3PA Datasheet HTML 14Page - Cypress Semiconductor CCG3PA Datasheet HTML 15Page - Cypress Semiconductor CCG3PA Datasheet HTML 16Page - Cypress Semiconductor CCG3PA Datasheet HTML 17Page - Cypress Semiconductor CCG3PA Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 14 of 37
EZ-PD™ CCG3PA Datasheet
Figure 8 shows the application diagram of CCG3PA based power adapter with Direct Feedback control. In this application, VBUS is
maintained at a constant voltage. The default value of VBUS upon power up (which is usually at 5 V) is set up by choosing the
appropriate resistor divider that will set the FB node at a voltage expected by the secondary controller.
Feedback node is regulated using internal IDACs. Whenever a change in VBUS voltage is needed, CCG3PA will either source or sink
a proportional current at feedback node, based on the amount of voltage change needed.
Figure 8. CCG3PA Based Power Adapter Application Diagram with Direct Feedback Control
PFET Load Switch
VBUS
CYPD3175-24LQXQ
VDDD
23
VCCD
24
CC1
CC2
VBUS_C_MON_
DISCHARGE
11
15
14
CATH/
COMP
21
3
VBUS_P_CTRL
22
GND
19
CSP
18
VBUS_IN_DIS
CHARGE
SWD_
DAT_0
7
AXRES/GPIO
9
DP0
DM0
17
16
Type-C
Receptacle
GND
FB
20
VBUS
CC1
CC2
DP0
DM0
SWD_
CLK_0
8
Secondary
Or
Integrated
Controller
SR
FB
GPIO
1, 2, 5, 6,
10, 12, 13,
VBUS_C_CTRL
4
5 m
1
F
1
F
100 nF
100 nF
50 k
R1
R2
To Programming Header (Not needed for final production)
Select R1, R2 to get
the expected FB
voltage at 5V VBUS
390 pF
5%
X7R
390 pF
5%
X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com