| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CCG3PA bảng dữ liệu(PDF) 11 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CCG3PA bảng dữ liệu(HTML) 11 Page - Cypress Semiconductor |
|
11 / 37 page ![]() Document Number: 002-16951 Rev. *F Page 11 of 37 EZ-PD™ CCG3PA Datasheet Application Firmware Update over CC Interface For bootloading CCG3PA applications, the CY4532 CCG3PA EVK can be used to send programming and configuration data as Cypress specific Vendor Defined Messages (VDMs) over the CC line. The CY4532 CCG3PA EVK’s Power Board is connected to the system containing CCG3PA device on one end and a Windows PC running the EZ-PD Configuration Utility as shown in Figure 5 on the other end to bootload the CCG3PA device. Figure 5. Application Firmware Update over CC Interface PC Running EZ-PD Configuration Utility CY4532 CCG3PA EVK’s Power Board CYPD317x Device to be Bootloaded USB Serial Device of CY4532 EVK Power Board CC Line USB Mini-B cable CCG4 Device on CY4532 EVK Power Board I2C Mini-B Receptacle Type-C Receptacle |