| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATPL230A bảng dữ liệu(PDF) 118 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATPL230A bảng dữ liệu(HTML) 118 Page - ATMEL Corporation |
|
118 / 122 page ![]() ATPL230A [DATASHEET] Atmel-43053J-ATPL230A-Datasheet_22-Sep-16 118 13. Ordering Information Table 13-1. Ordering Information Atmel Ordering Code Package Package Type Temperature Range ATPL230A-AKU-Y 80 LQFP Pb-Free Industrial (-40ºC to 85ºC) ATPL230A-AKU-R 80 LQFP Pb-Free Industrial (-40ºC to 85ºC) Product Family PL = Power Line Communications AT PL 230 A - A K U - X xx Atmel Designator AT = Atmel Device Designator Device Revision Shipping Carrier Option Y = Tray R = Tape and Reel Customer marking Customer marking xx = “ ” xx = “ ” Package Device Grade or Wafer/Die Thickness U = Lead free (Pb-free) Industrial temperature range (-40ºC to +85ºC) Package Option Package Option AK = 80 LQFP AK = 80 LQFP |