| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATPL230A bảng dữ liệu(PDF) 81 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATPL230A bảng dữ liệu(HTML) 81 Page - ATMEL Corporation |
|
81 / 122 page ![]() 81 ATPL230A [DATASHEET] Atmel-43053J-ATPL230A-Datasheet_22-Sep-16 9.3.4.2 Signal Amplitude Registers Name: TXRXBUF_SGNL_AMP_TX0 Address: 0xFD24 Access: Read/Write Reset: 0x60 This register stores the amplitude value for the transmitted frame (only header+payload; chirp not affected), when BUF_TX0 is used. If this value is equal to 0xFF, the header+payload transmitted are not attenuated. If this register is equal to 0x00, the header+payload are nullified. Name: TXRXBUF_SGNL_AMP_TX1 Address: 0xFD25 Access: Read/Write Reset: 0x60 This register stores the amplitude value for the transmitted frame (only header+payload; chirp not affected), when BUF_TX1 is used. If this value is equal to 0xFF, the header+payload transmitted are not attenuated. If this register is equal to 0x00, the header+payload are nullified. Name: TXRXBUF_SGNL_AMP_TX2 Address: 0xFD26 Access: Read/Write Reset: 0x60 This register stores the amplitude value for the transmitted frame (only header+payload; chirp not affected), when BUF_TX2 is used. If this value is equal to 0xFF, the header+payload transmitted are not attenuated. If this register is equal to 0x00, the header+payload are nullified. Name: TXRXBUF_SGNL_AMP_TX3 Address: 0xFD27 Access: Read/Write Reset: 0x60 This register stores the amplitude value for the transmitted frame (only header+payload; chirp not affected), when BUF_TX3 is used. If this value is equal to 0xFF, the header+payload transmitted are not attenuated. If this register is equal to 0x00, the header+payload are nullified. 76543210 TXRXBUF_SGNL_AMP_TX0 76543210 TXRXBUF_SGNL_AMP_TX1 76543210 TXRXBUF_SGNL_AMP_TX2 76543210 TXRXBUF_SGNL_AMP_TX3 |