| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATPL230A bảng dữ liệu(PDF) 82 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATPL230A bảng dữ liệu(HTML) 82 Page - ATMEL Corporation |
|
82 / 122 page ![]() ATPL230A [DATASHEET] Atmel-43053J-ATPL230A-Datasheet_22-Sep-16 82 9.3.4.3 Chirp Amplitude Registers Name: TXRXBUF_CHIRP_AMP_TX0 Address: 0xFD28 Access: Read/Write Reset: 0x60 This register stores the amplitude value for the transmitted chirp (header and payload not affected), when BUF_TX0 is used. If this value is equal to 0xFF, the chirp transmitted is not attenuated. If this register is equal to 0x00, the chirp is nullified. Name: TXRXBUF_CHIRP_AMP_TX1 Address: 0xFD29 Access: Read/Write Reset: 0x60 This register stores the amplitude value for the transmitted chirp (header and payload not affected), when BUF_TX1 is used. If this value is equal to 0xFF, the chirp transmitted is not attenuated. If this register is equal to 0x00, the chirp is nullified. Name: TXRXBUF_CHIRP_AMP_TX2 Address: 0xFD2A Access: Read/Write Reset: 0x60 This register stores the amplitude value for the transmitted chirp (header and payload not affected), when BUF_TX2 is used. If this value is equal to 0xFF, the chirp transmitted is not attenuated. If this register is equal to 0x00, the chirp is nullified. Name: TXRXBUF_CHIRP_AMP_TX3 Address: 0xFD2B Access: Read/Write Reset: 0x60 This register stores the amplitude value for the transmitted chirp (header and payload not affected), when BUF_TX3 is used. If this value is equal to 0xFF, the chirp transmitted is not attenuated. If this register is equal to 0x00, the chirp is nullified. 76543210 TXRXBUF_CHIRP_AMP_TX0 76543210 TXRXBUF_CHIRP_AMP_TX1 76543210 TXRXBUF_CHIRP_AMP_TX2 76543210 TXRXBUF_CHIRP_AMP_TX3 |