công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATPL230A bảng dữ liệu(PDF) 97 Page - ATMEL Corporation

tên linh kiện ATPL230A
Giải thích chi tiết về linh kiện  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A bảng dữ liệu(HTML) 97 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 93Page - ATMEL Corporation ATPL230A Datasheet HTML 94Page - ATMEL Corporation ATPL230A Datasheet HTML 95Page - ATMEL Corporation ATPL230A Datasheet HTML 96Page - ATMEL Corporation ATPL230A Datasheet HTML 97Page - ATMEL Corporation ATPL230A Datasheet HTML 98Page - ATMEL Corporation ATPL230A Datasheet HTML 99Page - ATMEL Corporation ATPL230A Datasheet HTML 100Page - ATMEL Corporation ATPL230A Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 122 page
background image
97
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
9.3.6
AFE Configuration Registers
9.3.6.1 Branch Selection Register
Name:
TXRXBUF_TXCONF_SELBRANCH
Address:
0xFDFB
Access:
Read/Write
Reset:
0x00
• BR1_TX0: Enable/Disable EMIT(0:5) output pins, when BUF_TX0 is used
1: Enabled
0: Disabled
• BR2_TX0: Enable/Disable EMIT(6:11) output pins, when BUF_TX0 is used
1: Enabled
0: Disabled
• BR1_TX1: Enable/Disable EMIT(0:5) output pins, when BUF_TX1 is used
1: Enabled
0: Disabled
• BR2_TX1: Enable/Disable EMIT(6:11) output pins, when BUF_TX1 is used
1: Enabled
0: Disabled
• BR1_TX2: Enable/Disable EMIT(0:5) output pins, when BUF_TX2 is used
1: Enabled
0: Disabled
• BR2_TX2: Enable/Disable EMIT(6:11) output pins, when BUF_TX2 is used
1: Enabled
0: Disabled
• BR1_TX3: Enable/Disable EMIT(0:5) output pins, when BUF_TX3 is used
1: Enabled
0: Disabled
• BR2_TX3: Enable/Disable EMIT(6:11) output pins, when BUF_TX3 is used
1: Enabled
0: Disabled
76543210
BR2_TX3
BR1_TX3
BR2_TX2
BR1_TX2
BR2_TX1
BR1_TX1
BR2_TX0
BR1_TX0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More