| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATPL230A bảng dữ liệu(PDF) 60 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATPL230A bảng dữ liệu(HTML) 60 Page - ATMEL Corporation |
|
60 / 122 page ![]() ATPL230A [DATASHEET] Atmel-43053J-ATPL230A-Datasheet_22-Sep-16 60 9.3.2.2 Buffer Selection Register Name: TXRXBUF_SELECT_BUFF_RX Address: 0xFDD3 Access: Read/Write Reset: 0x00 Select Reception Buffer: It is used to establish what reception buffers are active. • SB0: Select Buffer 0 0: Disable Buffer 1: Enable Buffer • SB1: Select Buffer 1 0: Disable Buffer 1: Enable Buffer • SB2: Select Buffer 2 0: Disable Buffer 1: Enable Buffer • SB3: Select Buffer 3 0: Disable Buffer 1: Enable Buffer 76543210 ---- SB3 SB2 SB1 SB0 |