| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9220 bảng dữ liệu(PDF) 140 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9220 bảng dữ liệu(HTML) 140 Page - Microchip Technology |
|
140 / 142 page ![]() LAN9220 DS00002417A-page 140 2006-2017 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: LAN9220 Temperature Range: Blank = 0 C to +70C (Extended Commercial) Package: ABZJ = 56-pin QFN Tape and Reel Option: Blank = Standard packaging (tray) TR = Tape and Reel(1) Example: LAN9220-ABZJ 100-pin QFN, Commercial temp RoHS Compliant package Tray Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. [X] XXX Package Temperature Range Device [X](1) Tape and Reel Option - - |