công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN9220 bảng dữ liệu(PDF) 124 Page - Microchip Technology

tên linh kiện LAN9220
Giải thích chi tiết về linh kiện  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 bảng dữ liệu(HTML) 124 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 120Page - Microchip Technology LAN9220 Datasheet HTML 121Page - Microchip Technology LAN9220 Datasheet HTML 122Page - Microchip Technology LAN9220 Datasheet HTML 123Page - Microchip Technology LAN9220 Datasheet HTML 124Page - Microchip Technology LAN9220 Datasheet HTML 125Page - Microchip Technology LAN9220 Datasheet HTML 126Page - Microchip Technology LAN9220 Datasheet HTML 127Page - Microchip Technology LAN9220 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 142 page
background image
LAN9220
DS00002417A-page 124
 2006-2017 Microchip Technology Inc.
6.10
Reset Timing
FIGURE 6-9:
RESET TIMING
TABLE 6-10:
RESET TIMING
Parameter
Description
MIN
TYP
MAX
Units
Notes
T6.1
Reset Pulse Width
30
ms
T6.2
Configuration input setup to
nRESET rising
200
ns
T6.3
Configuration input hold after
nRESET rising
10
ns
T6.4
Output Drive after nRESET
rising
16
ns
T6.1
T6.2
T6.3
nRESET
Configuration
signals
Output drive
T6.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More