công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASP00886IRGCR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ASP00886IRGCR Datasheet

  • # Example questions: ➢ How much ram and flash memory are available on the largest configuration of the msp430 family shown in the image?
    ➢ What modules are included for power management?
    ➢ What are the primary communication interfaces provided by the msp430 family as indicated in the block diagram?

  • Part No.ASP00886IRGCR
    ManufacturerTI
    Size4Mb
    Pages139 pages
    DescriptionMSP430F552x, MSP430F551x Mixed-Signal Microcontrollers
    Datasheet Summary with AI

    # MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers

    ## Features

    ️· Low Power Consumption: Active mode (AM) down to 150 µA/MHz, Standby (LPM3) down to 1.9 µA, Shutdown (LPM4.5) down to 0.18 µA. Wake-up from standby in 3.5 µs.
    ️· Core: 16-bit RISC CPU, extended memory, up to 25 MHz clock.
    ️· Memory: Various flash/RAM sizes (up to 128KB flash).
    ️· Power Management: Integrated LDO, supply supervision, brownout detection.
    ️· Clock System: FLL control, VLO, REFO, 32kHz crystals (XT1), high-frequency crystals (XT2).
    ️· Timers: 16-bit Timer_A (x3), 16-bit Timer_B, RTC.
    ️· Communication: Two USCIs supporting UART, IrDA, SPI, I2C. Full-speed USB (integrated PHY, PLL, power system).
    ️· Analog: 12-bit ADC (MSP430F552x only), comparator.
    ️· Other: Hardware multiplier, DMA, serial onboard programming.

    ## Peripherals

    ️· Timers: Timer_A (x3) with capture/compare, Timer_B with shadow registers.
    ️· Communication: USCI_A (UART, IrDA, SPI), USCI_B (SPI, I2C).
    ️· USB: Full-speed USB with integrated PHY, PLL, and power system (8 input/8 output endpoints).
    ️· ADC: 12-bit ADC (MSP430F552x only) with internal reference and autoscan.

    ️· DMA: 3-channel internal DMA.
    ️· RTC: Basic timer with RTC feature.

    ## Development Support

    ️· LaunchPad development kit.
    ️· Experimenter’s board.
    ️· Target development boards (80-pin, 64-pin).
    ️· USB developers package.
    ️· MSP430Ware code examples.

    ## Package Options

    ️· LQFP (80)
    ️· VQFN (64)
    ️· DSBGA (64)
    ️· nFBGA (80)
    ️· MicroStar Junior BGA (80)

    # MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers

    ## Features

    ️· Low Power Consumption: Active mode (AM) down to 150 µA/MHz, Standby (LPM3) down to 1.9 µA, Shutdown (LPM4.5) down to 0.18 µA. Wake-up from standby in 3.5 µs.
    ️· Core: 16-bit RISC CPU, extended memory, up to 25 MHz clock.
    ️· Memory: Various flash/RAM sizes (up to 128KB flash).
    ️· Power Management: Integrated LDO, supply supervision, brownout detection.
    ️· Clock System: FLL control, VLO, REFO, 32kHz crystals (XT1), high-frequency crystals (XT2).
    ️· Timers: 16-bit Timer_A (x3), 16-bit Timer_B, RTC.
    ️· Communication: Two USCIs supporting UART, IrDA, SPI, I2C. Full-speed USB (integrated PHY, PLL, power system).
    ️· Analog: 12-bit ADC (MSP430F552x only), comparator.
    ️· Other: Hardware multiplier, DMA, serial onboard programming.

    ## Peripherals

    ️· Timers: Timer_A (x3) with capture/compare, Timer_B with shadow registers.
    ️· Communication: USCI_A (UART, IrDA, SPI), USCI_B (SPI, I2C).
    ️· USB: Full-speed USB with integrated PHY, PLL, and power system (8 input/8 output endpoints).
    ️· ADC: 12-bit ADC (MSP430F552x only) with internal reference and autoscan.
    ️· DMA: 3-channel internal DMA.
    ️· RTC: Basic timer with RTC feature.

    ## Development Support

    ️· LaunchPad development kit.
    ️· Experimenter’s board.
    ️· Target development boards (80-pin, 64-pin).
    ️· USB developers package.
    ️· MSP430Ware code examples.

    ## Package Options

    ️· LQFP (80)
    ️· VQFN (64)
    ️· DSBGA (64)
    ️· nFBGA (80)
    ️· MicroStar Junior BGA (80)

    Part No.ASP00886IRGCR
    ManufacturerTI
    Size4Mb
    Pages139 pages
    DescriptionMSP430F552x, MSP430F551x Mixed-Signal Microcontrollers