công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASP00886IRGCR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ASP00886IRGCR
Giải thích chi tiết về linh kiện  MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ASP00886IRGCR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ASP00886IRGCR Datasheet HTML 1Page - Texas Instruments ASP00886IRGCR Datasheet HTML 2Page - Texas Instruments ASP00886IRGCR Datasheet HTML 3Page - Texas Instruments ASP00886IRGCR Datasheet HTML 4Page - Texas Instruments ASP00886IRGCR Datasheet HTML 5Page - Texas Instruments ASP00886IRGCR Datasheet HTML 6Page - Texas Instruments ASP00886IRGCR Datasheet HTML 7Page - Texas Instruments ASP00886IRGCR Datasheet HTML 8Page - Texas Instruments ASP00886IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 139 page
background image
MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers
1 Features
• Low supply voltage range:
3.6 V down to 1.8 V
• Ultra-low power consumption
– Active mode (AM):
• All system clocks active:
– 290 µA/MHz at 8 MHz, 3.0 V, flash
program execution (typical)
– 150 µA/MHz at 8 MHz, 3.0 V, RAM
program execution (typical)
– Standby mode (LPM3):
• Real-time clock (RTC) with crystal,
watchdog, and supply supervisor
operational, full RAM retention, fast wakeup:
– 1.9 µA at 2.2 V, 2.1 µA at 3.0 V (typical)
• Low-power oscillator (VLO), general-
purpose counter, watchdog, and supply
supervisor operational, full RAM retention,
fast wakeup:
– 1.4 µA at 3.0 V (typical)
– Off mode (LPM4):
• Full RAM retention, supply supervisor
operational, fast wakeup:
– 1.1 µA at 3.0 V (typical)
– Shutdown mode (LPM4.5):
• 0.18 µA at 3.0 V (typical)
• Wake up from standby mode in 3.5 µs (typical)
• 16-bit RISC architecture, extended memory, up to
25-MHz system clock
• Flexible power-management system
– Fully integrated LDO with programmable
regulated core supply voltage
– Supply voltage supervision, monitoring, and
brownout
• Unified clock system
– FLL control loop for frequency stabilization
– Low-power low-frequency internal clock source
(VLO)
– Low-frequency trimmed internal reference
source (REFO)
– 32-kHz watch crystals (XT1)
– High-frequency crystals up to 32 MHz (XT2)
• 16-bit timer TA0, Timer_A with five capture/
compare registers
• 16-bit timer TA1, Timer_A with three capture/
compare registers
• 16-bit timer TA2, Timer_A with three capture/
compare registers
• 16-bit timer TB0, Timer_B with seven capture/
compare shadow registers
• Two universal serial communication interfaces
(USCIs)
– USCI_A0 and USCI_A1 each support:
• Enhanced UART supports automatic baud-
rate detection
• IrDA encoder and decoder
• Synchronous SPI
– USCI_B0 and USCI_B1 each support:
• I2C
• Synchronous SPI
• Full-speed universal serial bus (USB)
– Integrated USB-PHY
– Integrated 3.3-V and 1.8-V USB power system
– Integrated USB-PLL
– Eight input and eight output endpoints
• 12-bit analog-to-digital converter (ADC)
(MSP430F552x only) with internal reference,
sample-and-hold, and autoscan features
• Comparator
• Hardware multiplier supports 32-bit operations
• Serial onboard programming, no external
programming voltage needed
• 3-channel internal DMA
• Basic timer with RTC feature
• Development tools and software (also see Tools
and Software)
– LaunchPaddevelopment kit
(MSP
‑EXP430F5529LP)
– MSP430F5529 experimenter’s board
(MSP
‑EXP430F5529)
– 80-pin target development board
(MSP
‑TS430PN80USB)
– 64-pin target development board
(MSP
‑TS430RGC64USB)
– USB developers package
(MSP430USBDEVPACK)
– MSP430Ware™ code examples
• Device Comparison summarizes the available
family members
2 Applications
• Analog and digital sensor systems
• Data loggers
• Connection to USB hosts
www.ti.com
MSP430F5529, MSP430F5528, MSP430F5527, MSP430F5526, MSP430F5525, MSP430F5524,
MSP430F5522, MSP430F5521, MSP430F5519, MSP430F5517, MSP430F5515, MSP430F5514,
MSP430F5513
SLAS590P – MARCH 2009 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: MSP430F5529 MSP430F5528 MSP430F5527 MSP430F5526 MSP430F5525
MSP430F5524 MSP430F5522 MSP430F5521 MSP430F5519 MSP430F5517 MSP430F5515 MSP430F5514
MSP430F5513
MSP430F5529, MSP430F5528, MSP430F5527, MSP430F5526, MSP430F5525, MSP430F5524,
MSP430F5522, MSP430F5521, MSP430F5519, MSP430F5517, MSP430F5515, MSP430F5514,
MSP430F5513
SLAS590P – MARCH 2009 – REVISED SEPTEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - ASP00886IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ASP00886IRGCR TI1-ASP00886IRGCR Datasheet
2Mb / 128P
Mixed-Signal Microcontrollers
More results

Mô tả tương tự - ASP00886IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com