| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9925BBCZRL bảng dữ liệu(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZRL bảng dữ liệu(HTML) 23 Page - Analog Devices |
|
23 / 96 page ![]() AD9925 Rev. A | Page 23 of 96 REGION 0: USE V-SEQUENCE 3 REGION 1: USE V-SEQUENCE 2 REGION 2: USE V-SEQUENCE 1 REGION 0: USE V-SEQUENCE 3 REGION 1: USE V-SEQUENCE 2 REGION 2: USE V-SEQUENCE 1 REGION 0: USE VERTICAL SEQUENCE 2 REGION 1: USE VERTICAL SEQUENCE 0 REGION 3: USE VERTICAL SEQUENCE 0 REGION 4: USE VERTICAL SEQUENCE 2 CREATE THE VERTICAL PAT (MAXIMUM OF 10 GROUPS) TERN GROUPS ERTICAL SE (VPAT0, 1 REP) BUILD EACH FIELD BY DIVIDING INTO DIFFERENT REGIONS AND ASSIGNING A DIFFERENT VERTICAL SEQUENCE TO EACH (MAXIMUM OF 7 REGIONS IN EACH FIELD) (MAXIMUM OF 6 FIELDS) BUILD THE VERTICAL SEQUENCES BY ADDING LINE START POSITION, # OF REPEATS, AND HBLK/CLPOB PULSES (MAXIMUM OF 10 VERTICAL SEQUENCES) V QUENCE 0 XV1 XV2 XV5 XV6 XV1 XV2 XV3 FIELD 0 FIELD 1 FIELD 2 XV4 REGION 2: USE VERTICAL SEQUENCE 3 USE THE MODE REGISTER TO CONTROL WHICH FIELDS ARE USED, AND IN WHAT ORDER (MAXIMUM OF 7 FIELDS MAY BE COMBINED IN ANY ORDER) FIELD 0 FIELD 1 FIELD 2 XV4 XV3 FIELD 3 FIELD 4 FIELD 5 FIELD 1 FIELD 4 FIELD 2 XV5 XV6 VERTICAL SEQUENCE 1 (VPAT9, 2 REP) XV2 XV5 XV6 XV4 XV3 VERTICAL SEQUENCE 2 XV3 (VPAT9, N REP) XV5 XV4 VPAT 0 XV1 XV2 XV4 XV3 XV5 XV6 XV1 XV1 XV2 XV6 VPAT 9 1 2 3 3 Figure 30. Summary of Vertical Timing Generation |